Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA118UB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA118UB
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118UB Datasheet(HTML) 4 Page - Texas Instruments

  INA118UB Datasheet HTML 1Page - Texas Instruments INA118UB Datasheet HTML 2Page - Texas Instruments INA118UB Datasheet HTML 3Page - Texas Instruments INA118UB Datasheet HTML 4Page - Texas Instruments INA118UB Datasheet HTML 5Page - Texas Instruments INA118UB Datasheet HTML 6Page - Texas Instruments INA118UB Datasheet HTML 7Page - Texas Instruments INA118UB Datasheet HTML 8Page - Texas Instruments INA118UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
INA118
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
0
5
4
3
2
1
0
12
34
5
G = 1
G = 2
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
+5V
Single Supply
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100
G = 10
G = 1
G = 1000
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1
10
1k
100k
100
140
120
100
80
60
40
20
0
10k
G=1
G=10
G=100
G=1000
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
All
Gains
All
Gains
G = 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
–15V
+15V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–4
–3
–2
–1
0
1
2
3
4
5
All
Gains
All
Gains
G = 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
–5V
+5V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
0
3
2
1
0
123
G = 1
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
+3V
Single Supply


Similar Part No. - INA118UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118UB BURR-BROWN-INA118UB Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118UB TI1-INA118UB Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118UB/2K5 TI1-INA118UB/2K5 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118UB/2K5G4 TI1-INA118UB/2K5G4 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118UBG4 TI1-INA118UBG4 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
More results

Similar Description - INA118UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com