Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA118 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118 Datasheet(HTML) 1 Page - Texas Instruments

  INA118 Datasheet HTML 1Page - Texas Instruments INA118 Datasheet HTML 2Page - Texas Instruments INA118 Datasheet HTML 3Page - Texas Instruments INA118 Datasheet HTML 4Page - Texas Instruments INA118 Datasheet HTML 5Page - Texas Instruments INA118 Datasheet HTML 6Page - Texas Instruments INA118 Datasheet HTML 7Page - Texas Instruments INA118 Datasheet HTML 8Page - Texas Instruments INA118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
INA118
A
1
A
2
A
3
6
60k
60k
60k
60k
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA118
Ref
V
O
G = 1 +
50k
R
G
+
5
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.5
µV/°C max
q LOW INPUT BIAS CURRENT: 5nA max
q HIGH CMR: 110dB min
q INPUTS PROTECTED TO
±40V
q WIDE SUPPLY RANGE:
±1.35 to ±18V
q LOW QUIESCENT CURRENT: 350
µA
q 8-PIN PLASTIC DIP, SO-8
DESCRIPTION
The INA118 is a low power, general purpose instru-
mentation amplifier offering excellent accuracy. Its
versatile 3-op amp design and small size make it ideal
for a wide range of applications. Current-feedback
input circuitry provides wide bandwidth even at high
gain (70kHz at G = 100).
A single external resistor sets any gain from 1 to 10,000.
Internal input protection can withstand up to
±40V
without damage.
The INA118 is laser trimmed for very low offset voltage
(50
µV), drift (0.5µV/°C) and high common-mode re-
jection (110dB at G = 1000). It operates with power
supplies as low as
±1.35V, and quiescent current is only
350
µA—ideal for battery operated systems.
The INA118 is available in 8-pin plastic DIP,
and SO-8 surface-mount packages, specified for
the –40
°C to +85°C temperature range.
Precision, Low Power
INSTRUMENTATION AMPLIFIER
®
INA118
APPLICATIONS
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA118
INA118
©1994 Burr-Brown Corporation
PDS-1199D
Printed in U.S.A. April, 1998
SBOS027


Similar Part No. - INA118

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Burr-Brown (TI)
INA118P BURR-BROWN-INA118P Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118P TI1-INA118P Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Burr-Brown (TI)
INA118PB BURR-BROWN-INA118PB Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA118

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com