Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP2525CZER1R5M01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHLP2525CZER1R5M01
Description  Low Profile, High Current IHLP® Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP2525CZER1R5M01 Datasheet(HTML) 2 Page - Vishay Siliconix

  IHLP2525CZER1R5M01 Datasheet HTML 1Page - Vishay Siliconix IHLP2525CZER1R5M01 Datasheet HTML 2Page - Vishay Siliconix IHLP2525CZER1R5M01 Datasheet HTML 3Page - Vishay Siliconix IHLP2525CZER1R5M01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34104
2
Revision: 24-Feb-11
IHLP-2525CZ-01
Vishay Dale
Low Profile, High Current IHLP® Inductors
PERFORMANCE GRAPHS
40
100
20
60
0.000
80
0
L
10
0
30
40
20
60
50
0.120
0.100
0.080
0.060
0.040
0.020
IHLP-2525CZ-01 0.10 µH
DC CURRENT (A)
ΔT °C
40
100
20
60
0.00
80
0
L
0.16
10
0
30
40
20
50
0.14
0.12
0.10
0.08
0.06
0.04
0.02
IHLP-2525CZ-01 0.15 µH
DC CURRENT (A)
ΔT °C
40
100
20
60
0.00
80
0
5
0
L
0.25
0.20
0.15
0.10
0.05
30
10
15
20
25
35
40
IHLP-2525CZ-01 0.20 µH
DC CURRENT (A)
ΔT °C
40
100
20
60
0.00
80
0
5
0
15
20
10
25
0.25
0.20
0.15
0.10
0.05
30
35
40
IHLP-2525CZ-01 0.22 µH
DC CURRENT (A)
ΔT °C
L
40
100
20
60
0.00
80
0
L
5
0
15
20
10
30
25
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
IHLP-2525CZ-01 0.33 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
0.1
80
0
L
0.4
0.5
0.6
5
0
15
20
10
25
IHLP-2525CZ-01 0.47 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
80
0
L
0.4
0.5
0.6
5
0
15
20
10
25
0.1
0.7
0.8
IHLP-2525CZ-01 0.68 µH
DC CURRENT (A)
ΔT °C
0.2
0.3
40
100
20
60
0.0
0.1
80
0
L
0.4
0.5
0.6
10
0
5
20
25
0.7
0.8
0.9
15
IHLP-2525CZ-01 0.82 µH
DC CURRENT (A)
ΔT °C


Similar Part No. - IHLP2525CZER1R5M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2525CZER1R0M01 VISHAY-IHLP2525CZER1R0M01 Datasheet
143Kb / 3P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IHLP2525CZER1R0M01 VISHAY-IHLP2525CZER1R0M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP2525CZER1R0M01 VISHAY-IHLP2525CZER1R0M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP2525CZER1R0M01 VISHAY-IHLP2525CZER1R0M01 Datasheet
449Kb / 6P
   IHLP® Commercial Inductors, High Saturation Series
01-Jan-2022
IHLP2525CZER1R0M06 VISHAY-IHLP2525CZER1R0M06 Datasheet
389Kb / 6P
   IHLP® Commercial Inductors, High Saturation Series, 10 % DCR Tolerance
01-Jan-2022
More results

Similar Description - IHLP2525CZER1R5M01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com