Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG7030M04-T2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NESG7030M04-T2
Description  NPN Silicon Germanium Carbon RF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG7030M04-T2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NESG7030M04-T2 Datasheet HTML 1Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 2Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 3Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 4Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 5Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 6Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 7Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 8Page - Renesas Technology Corp NESG7030M04-T2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NESG7030M04
R09DS0037EJ0100 Rev.1.00
Page 5 of 9
Apr 18, 2012
40
30
25
20
15
10
5
0
35
VCE = 1 V
IC = 15 mA
10
0.1
1
100
|S21e|2
MAG
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
MAG
MSG
MSG
40
30
25
20
15
10
5
0
35
VCE = 2 V
IC = 15 mA
10
0.1
1
100
|S21e|2
MSG
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
MSG
40
30
25
20
15
10
5
0
35
VCE = 3 V
IC = 15 mA
10
0.1
1
100
|S21e|2
MSG
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
MAG
MSG
MAG
Remark The graph indicates nominal characteristics.


Similar Part No. - NESG7030M04-T2

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESG007AT NICHIA-NESG007AT Datasheet
560Kb / 13P
   GREEN LED
NESG021T NICHIA-NESG021T Datasheet
476Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T Datasheet
385Kb / 13P
   TYPE GREEN LED
NESG064T NICHIA-NESG064T_14 Datasheet
337Kb / 17P
   SPECIFICATIONS FOR GREEN LED
NESG146AT NICHIA-NESG146AT Datasheet
276Kb / 17P
   GREEN LED
More results

Similar Description - NESG7030M04-T2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com