Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2021M05-T1-A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # NESG2021M05-T1-A
Description  NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG2021M05-T1-A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button NESG2021M05-T1-A Datasheet HTML 6Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 7Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 8Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 9Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 10Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 11Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 12Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 13Page - Renesas Technology Corp NESG2021M05-T1-A Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NESG2021M05
R09DS0034EJ0300 Rev. 3.00
Page 10 of 12
Jun 20, 2012
6
5
3
2
1
4
0
30
5
10
15
20
25
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 3 V
f = 1 GHz
Ga
NF
6
5
3
2
1
4
0
30
5
10
15
20
25
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 3 V
f = 2 GHz
Ga
NF
14
12
10
8
6
4
2
0
14
6
2
4
8
10
12
0
1
10
100
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
VCE = 3 V
f = 5.2 GHz
Ga
NF
Remark The graphs indicate nominal characteristics.


Similar Part No. - NESG2021M05-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2021M05-T1-A CEL-NESG2021M05-T1-A Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NESG2021M05-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
NEC
NESG2046M33 NEC-NESG2046M33 Datasheet
118Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG210719 NEC-NESG210719 Datasheet
114Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NESG204619 NEC-NESG204619 Datasheet
116Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
Renesas Technology Corp
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG210719 RENESAS-NESG210719 Datasheet
124Kb / 10P
   NPN SiGe RF Transistor for Low Noise, High-Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com