Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB20N20E Datasheet(PDF) 8 Page - Motorola, Inc

Part # MTB20N20E
Description  TMOS POWER FET 20 AMPERES 200 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB20N20E Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MTB20N20E Datasheet HTML 2Page - Motorola, Inc MTB20N20E Datasheet HTML 3Page - Motorola, Inc MTB20N20E Datasheet HTML 4Page - Motorola, Inc MTB20N20E Datasheet HTML 5Page - Motorola, Inc MTB20N20E Datasheet HTML 6Page - Motorola, Inc MTB20N20E Datasheet HTML 7Page - Motorola, Inc MTB20N20E Datasheet HTML 8Page - Motorola, Inc MTB20N20E Datasheet HTML 9Page - Motorola, Inc MTB20N20E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MTB20N20E
8
Motorola TMOS Power MOSFET Transistor Device Data
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. Solder
stencils are used to screen the optimum amount. These
stencils are typically 0.008 inches thick and may be made of
brass or stainless steel. For packages such as the SC–59,
SC–70/SOT–323, SOD–123, SOT–23, SOT–143, SOT–223,
SO–8, SO–14, SO–16, and SMB/SMC diode packages, the
stencil opening should be the same as the pad size or a 1:1
registration. This is not the case with the DPAK and D2PAK
packages. If one uses a 1:1 opening to screen solder onto the
drain pad, misalignment and/or “tombstoning” may occur due
to an excess of solder. For these two packages, the opening
in the stencil for the paste should be approximately 50% of the
tab area. The opening for the leads is still a 1:1 registration.
Figure 17 shows a typical stencil for the DPAK and D2PAK
packages. The pattern of the opening in the stencil for the
drain pad is not critical as long as it allows approximately 50%
of the pad to be covered with paste.
Figure 17. Typical Stencil for DPAK and
D2PAK Packages
SOLDER PASTE
OPENINGS
STENCIL
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and soldering
should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference shall be a maximum of 10
°C.
The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the maximum
temperature gradient shall be 5
°C or less.
After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.
* Due to shadowing and the inability to set the wave height to
incorporate other surface mount components, the D2PAK is
not recommended for wave soldering.


Similar Part No. - MTB20N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB20N20E ONSEMI-MTB20N20E Datasheet
252Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
logo
Inchange Semiconductor ...
MTB20N20E ISC-MTB20N20E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTB20N20ET4 ONSEMI-MTB20N20ET4 Datasheet
252Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
logo
VBsemi Electronics Co.,...
MTB20N20ET4G VBSEMI-MTB20N20ET4G Datasheet
1,008Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - MTB20N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
   TMOS POWER FET 20 AMPERES 30 VOLTS
MTP20N20E MOTOROLA-MTP20N20E Datasheet
203Kb / 8P
   TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com