Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550779A-T1-A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NE5550779A-T1-A
Description  Silicon Power LDMOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5550779A-T1-A Datasheet(HTML) 1 Page - Renesas Technology Corp

  NE5550779A-T1-A Datasheet HTML 1Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 2Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 3Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 4Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 5Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 6Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 7Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 8Page - Renesas Technology Corp NE5550779A-T1-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
R09DS0040EJ0300 Rev.3.00
Page 1 of 15
Mar 12, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Data Sheet
NE5550779A
Silicon Power LDMOS FET
FEATURES
• High Output Power
: Pout = 38.5 dBm TYP. (VDS = 7.5 V, IDset = 140 mA, f = 460 MHz, Pin = 25 dBm)
• High power added efficiency
: ηadd = 66% TYP. (VDS = 7.5 V, IDset = 140 mA, f = 460 MHz, Pin = 25 dBm)
• High Linear gain
: GL = 22.0 dB TYP. (VDS = 7.5 V, IDset = 140 mA, f = 460 MHz, Pin = 10 dBm)
• High ESD tolerance
• Suitable for VHF to UHF-BAND Class-AB power amplifier.
APPLICATIONS
• 150 MHz Band Radio System
• 460 MHz Band Radio System
• 900 MHz Band Radio System
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
NE5550779A
NE5550779A-A
79A
(Pb-Free)
W8
12 mm wide embossed taping
Gate pin faces the perforation side of the tape
NE5550779A-T1
NE5550779A-T1-A
12 mm wide embossed taping
Gate pin faces the perforation side of the tape
Qty 1 kpcs/reel
NE5550779A-T1A NE5550779A-T1A-A
12 mm wide embossed taping
Gate pin faces the perforation side of the tape
Qty 5 kpcs/reel
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order: NE5550779A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Operation in excess of any one of these parameters may result in permanent damage.
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
30
V
Gate to Source Voltage
VGS
6.0
V
Drain Current
IDS
2.1
A
Drain Current
(50% Duty Pulsed)
IDS-pulse
4.2
A
Total Power Dissipation
Note
Ptot
17.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note: Value at TC = 25
°C
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0040EJ0300
Rev.3.00
Mar 12, 2013


Similar Part No. - NE5550779A-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5550779A-T1-A CEL-NE5550779A-T1-A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550779A-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com