Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550779A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NE5550779A
Description  Silicon Power LDMOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5550779A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NE5550779A Datasheet HTML 7Page - Renesas Technology Corp NE5550779A Datasheet HTML 8Page - Renesas Technology Corp NE5550779A Datasheet HTML 9Page - Renesas Technology Corp NE5550779A Datasheet HTML 10Page - Renesas Technology Corp NE5550779A Datasheet HTML 11Page - Renesas Technology Corp NE5550779A Datasheet HTML 12Page - Renesas Technology Corp NE5550779A Datasheet HTML 13Page - Renesas Technology Corp NE5550779A Datasheet HTML 14Page - Renesas Technology Corp NE5550779A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NE5550779A
R09DS0040EJ0300 Rev.3.00
Page 11 of 15
Mar 12, 2013
TYPICAL CHARACTERISTICS 3 (TA = 25
°C)
RF: f = 900 MHz, VDS = 3.6/4.5/6/7.5/9 V, IDset = 40 mA, Pin = –5 to 30 dBm
Input Power Pin (dBm)
POWER GAIN, DRAIN CURRENT
vs. INPUT POWER
0
40
30
25
20
15
10
5
0
30
25
20
15
10
5
0
10
25
20
10
5
0
–10
–5
15
25
20
10
5
0
–10
–5
15
Input Power Pin (dBm)
OUTPUT POWER, POWER ADDED
EFFICIENCY vs. INPUT POWER
80
70
0
1.5
0.9
0.3
1.2
0
60
40
20
0
50
30
1.8
0.6
add
- 6.0 V
add
- 4.5 V
add
- 7.5 V
add
- 9 V
add
- 3.6 V
GP - 3.6 V
GP - 4.5 V
GP - 6 V
GP - 7.5 V
GP - 9 V
η
η
η
η
η
IDS - 3.6 V
IDS - 6.0 V
IDS - 4.5 V
IDS - 9 V
IDS - 7.5 V
Pout - 3.6 V
Pout - 4.5 V
Pout - 6.0 V
Pout - 7.5 V
Pout - 9 V
35
30
35
30
35
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE5550779A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
NE5550779A-A CEL-NE5550779A-A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
NE5550779A-T1 CEL-NE5550779A-T1 Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
NE5550779A-T1-A CEL-NE5550779A-T1-A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
NE5550779A-T1A CEL-NE5550779A-T1A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550779A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com