Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8PN Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA8L-8PN
Description  8-bit Atmel with 8KBytes In-System PRogrammable Flash
Download  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8PN Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA8L-8PN Datasheet HTML 1Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 2Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 3Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 4Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 5Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 6Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 7Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 8Page - ATMEL Corporation ATMEGA8L-8PN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 331 page
background image
4
2486AA–AVR–02/2013
ATmega8(L)
The Atmel
®AVR® core combines a rich instruction set with 32 general purpose working registers.
All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two inde-
pendent registers to be accessed in one single instruction executed in one clock cycle. The
resulting architecture is more code efficient while achieving throughputs up to ten times faster
than conventional CISC microcontrollers.
The ATmega8 provides the following features: 8 Kbytes of In-System Programmable Flash with
Read-While-Write capabilities, 512 bytes of EEPROM, 1 Kbyte of SRAM, 23 general purpose
I/O lines, 32 general purpose working registers, three flexible Timer/Counters with compare
modes, internal and external interrupts, a serial programmable USART, a byte oriented Two-
wire Serial Interface, a 6-channel ADC (eight channels in TQFP and QFN/MLF packages) with
10-bit accuracy, a programmable Watchdog Timer with Internal Oscillator, an SPI serial port,
and five software selectable power saving modes. The Idle mode stops the CPU while allowing
the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Power-
down mode saves the register contents but freezes the Oscillator, disabling all other chip func-
tions until the next Interrupt or Hardware Reset. In Power-save mode, the asynchronous timer
continues to run, allowing the user to maintain a timer base while the rest of the device is sleep-
ing. The ADC Noise Reduction mode stops the CPU and all I/O modules except asynchronous
timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the
crystal/resonator Oscillator is running while the rest of the device is sleeping. This allows very
fast start-up combined with low-power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
Flash Program memory can be reprogrammed In-System through an SPI serial interface, by a
conventional non-volatile memory programmer, or by an On-chip boot program running on the
AVR core. The boot program can use any interface to download the application program in the
Application Flash memory. Software in the Boot Flash Section will continue to run while the
Application Flash Section is updated, providing true Read-While-Write operation. By combining
an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel
ATmega8 is a powerful microcontroller that provides a highly-flexible and cost-effective solution
to many embedded control applications.
The ATmega8 is supported with a full suite of program and system development tools, including
C compilers, macro assemblers, program simulators, and evaluation kits.
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Minimum and Maxi-
mum values will be available after the device is characterized.


Similar Part No. - ATMEGA8L-8PN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8PC ATMEL-ATMEGA8L-8PC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8PC ATMEL-ATMEGA8L-8PC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8PC ATMEL-ATMEGA8L-8PC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8PI ATMEL-ATMEGA8L-8PI Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8PI ATMEL-ATMEGA8L-8PI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8PN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
   8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com