Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8853AEV150K Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8853AEV150K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AEV150K Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8853AEV150K Datasheet HTML 5Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 6Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 7Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 8Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 9Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 10Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 11Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 12Page - Analog Microelectronics AME8853AEV150K Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AME
9
AME8853
Rev. C.03
High PSRR, Low Noise, 300mA
CMOS Regulator
n Electrical Specifications (Contd.)
Note1: Dropout Voltage is measured at V
OUT=VOUT(NOM)x98%
Note2: For V
OUT below 2.0V, Dropout Voltage is the input (MIN) to output differential.
Parameter
Symbol
Min
Typ
Max
Units
F=100Hz
60
F=1KHz
60
F=10KHz
60
Output Voltage Noise
eN
100
µV
RMS
Enable High(enabled)
VEN,HI
1.4
VIN
Enable Low (shutdown)
VEN,LO
0
0.4
IEN,HI
1
IEN,LO
2
Shutdown Current
ISHDN
0.1
1
µA
Shutdown Output Voltage
VOUT,SD
0.4
V
Output Current Limit
ILIM
400
mA
Thermal Shutdown
Temperature
TSHDN
150
Thermal Shutdown Hysteresis
TSHDN(HYS)
20
VIN(MIN)≦VIN≦5.5V
Enable Input Bias Current
µA
V
VIN(MIN)≦VIN≦5.5V
VEN = VIN
VEN = 0V
Test Condition
IOUT=10mA, VOUT=0.8V,
f=1Hz to 100KHz
Power Supply
Rejection Ration
PSRR
COUT=1uF, VOUT=0.8V
IOUT=10mA
VIN=2.8V
dB
VIN=5.0V, VEN=0V
IOUT=0.4mA, VEN=0
Shutdown, temperature increasing
oC
Protection
VOUT=0.9 x VOUT(NOM)


Similar Part No. - AME8853AEV150K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET080K AME-AME8853AAET080K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET090K AME-AME8853AAET090K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET100K AME-AME8853AAET100K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET110K AME-AME8853AAET110K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AEV150K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com