Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY10-TSHR Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY10-TSHR
Description  Atmel 8-bit AVR Microcontroller
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY10-TSHR Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY10-TSHR Datasheet HTML 1Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 2Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 3Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 4Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 5Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 6Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 7Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 8Page - ATMEL Corporation ATTINY10-TSHR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 170 page
background image
3
ATtiny4/5/9/10 [DATASHEET]
8127F–AVR–02/2013
2.
Overview
ATtiny4/5/9/10 are low-power CMOS 8-bit microcontrollers based on the compact AVR enhanced RISC architec-
ture. By executing powerful instructions in a single clock cycle, the ATtiny4/5/9/10 achieve throughputs
approaching 1 MIPS per MHz, allowing the system designer to optimize power consumption versus processing
speed.
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 16 general purpose working registers and system registers. All
registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be
accessed in one single instruction executed in one clock cycle. The resulting architecture is compact and code effi-
cient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.
The ATtiny4/5/9/10 provide the following features: 512/1024 byte of In-System Programmable Flash, 32 bytes of
SRAM, four general purpose I/O lines, 16 general purpose working registers, a 16-bit timer/counter with two PWM
STACK
POINTER
SRAM
PROGRAM
COUNTER
PROGRAMMING
LOGIC
ISP
INTERFACE
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
RESET FLAG
REGISTER
MCU STATUS
REGISTER
TIMER/
COUNTER0
CALIBRATED
OSCILLATOR
TIMING AND
CONTROL
INTERRUPT
UNIT
ANALOG
COMPARATOR
ADC
GENERAL
PURPOSE
REGISTERS
X
Y
Z
ALU
STATUS
REGISTER
PROGRAM
FLASH
INSTRUCTION
REGISTER
INSTRUCTION
DECODER
CONTROL
LINES
VCC
RESET
DATA REGISTER
PORT B
DIRECTION
REG. PORT B
DRIVERS
PORT B
GND
PB3:0
8-BIT DATA BUS


Similar Part No. - ATTINY10-TSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny10 ATMEL-ATtiny10 Datasheet
621Kb / 20P
   8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
ATtiny10 ATMEL-ATtiny10 Datasheet
4Mb / 168P
   8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
ATTINY102 ATMEL-ATTINY102 Datasheet
411Kb / 2P
   1KB in-system programmable Flash memory
ATTINY104 ATMEL-ATTINY104 Datasheet
411Kb / 2P
   1KB in-system programmable Flash memory
ATTINY104 ATMEL-ATTINY104 Datasheet
750Kb / 15P
   ATtiny104 microcontroller
More results

Similar Description - ATTINY10-TSHR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
   Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com