Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8853AIV130K Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8853AIV130K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AIV130K Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8853AIV130K Datasheet HTML 1Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 2Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 3Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 4Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 5Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 6Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 7Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 8Page - Analog Microelectronics AME8853AIV130K Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AME
1
AME8853
Rev. C.03
High PSRR, Low Noise, 300mA
CMOS Regulator
n Typical Application
The AME8853 family of positive, CMOS linear regula-
tors provide low dropout voltage(220mV@300mA), low
quiescent current, and low noise CMOS LDO. These
rugged devices have both Thermal Shutdown, and Cur-
rent limit to prevent device failure under the "Worst" of
operating conditions.
n General Description
n Features
n Applications
n Functional Block Diagram
l Low Dropout Voltage: 220mV@300mA
l Guaranteed Current: 300mA
l Quiescent Current: 60
µA (typ.)
l Over-Temperature Shutdown
l Current Limiting protection
l PSRR: 60dB@10KHz
l Ultra-Low-Noise: 100
µV
RMS at 1Hz to 100KHz
l Low Temperature Coefficient
l Input Voltage Range : 2.5V~5.5V
l Output Voltage Range: 0.8V~ 4.3V
l Green Products Meet RoHS Standards
AME8853
GND
IN
OUT
C
IN
1
µF
IN
C
OUT
1
µF
OUT
EN
Overcurrent
Shutdown
Thermal
Shutdown
IN
EN
AMP
-
+
OUT
R1
R2
GND
Vref
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets


Similar Part No. - AME8853AIV130K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET080K AME-AME8853AAET080K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET090K AME-AME8853AAET090K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET100K AME-AME8853AAET100K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET110K AME-AME8853AAET110K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AIV130K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com