Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7S02M5X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7S02M5X
Description  TinyLogic HS 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S02M5X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7S02M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
DS012140
www.fairchildsemi.com
October 1995
Revised August 2004
NC7S02
TinyLogic
 HS 2-Input NOR Gate
General Description
The NC7S02 is a single 2-Input high performance CMOS
NOR Gate. Advanced Silicon Gate CMOS fabrication
assures high speed and low power circuit operation over a
broad VCC range. ESD protection diodes inherently guard
both inputs and output with respect to the VCC and GND
rails. Three stages of gain between inputs and outputs
assures high noise immunity and reduced sensitivity to
input edge rate.
Features
s Space saving SOT23 or SC70 5-lead packages
s Ultra small MicroPak
 leadless package
s High Speed; tPD 3.5 ns typ
s Low Quiescent Power; ICC < 1 µA
s Balanced Output Drive; 2 mA IOL, −2 mA IOH
s Broad VCC Operating Range; 2V–6V
s Balanced Propagation Delays
s Specified for 3V operation
Ordering Code:
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagrams
Pin Assignments for SOT23 and SC70
(Top View)
Pad Assignments for MicroPak
(Top Through View)
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7S02M5X
MA05B
7S02
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7S02P5X
MAA05A
S02
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7S02L6X
MAC06A
E4
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Names
Description
A, B
Inputs
Y
Output
NC
No Connect
Y
= A + B
Inputs
Output
AB
Y
LL
H
LH
L
HL
L
HH
L


Similar Part No. - NC7S02M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S02M5X ONSEMI-NC7S02M5X Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
NC7S02M5X ONSEMI-NC7S02M5X Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
NC7S02M5X-L22090 ONSEMI-NC7S02M5X-L22090 Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
More results

Similar Description - NC7S02M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S02 ONSEMI-NC7S02 Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
NC7S02 ONSEMI-NC7S02_V01 Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input NOR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
logo
ON Semiconductor
NC7ST02 ONSEMI-NC7ST02_V01 Datasheet
301Kb / 8P
   TinyLogic HST 2-Input NOR Gate
April, 2022 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com