Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7S02M5X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7S02M5X
Description  TinyLogic HS 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S02M5X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7S02M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 7Page - Fairchild Semiconductor NC7S02M5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7S02M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S02M5X ONSEMI-NC7S02M5X Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
NC7S02M5X ONSEMI-NC7S02M5X Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
NC7S02M5X-L22090 ONSEMI-NC7S02M5X-L22090 Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
More results

Similar Description - NC7S02M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S02 ONSEMI-NC7S02 Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
NC7S02 ONSEMI-NC7S02_V01 Datasheet
320Kb / 9P
   TinyLogic HS 2-Input NOR Gate
May, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
   TinyLogic HST 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input NOR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
78Kb / 7P
   TinyLogic HST 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
logo
ON Semiconductor
NC7ST02 ONSEMI-NC7ST02_V01 Datasheet
301Kb / 8P
   TinyLogic HST 2-Input NOR Gate
April, 2022 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com