Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66B-MAHM-T Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT93C66B-MAHM-T
Description  Three-wire Serial Electrically Erasable Programmable Read-only Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66B-MAHM-T Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT93C66B-MAHM-T Datasheet HTML 7Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 8Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 9Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 10Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 11Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 12Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 13Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 14Page - ATMEL Corporation AT93C66B-MAHM-T Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
8735A–SEEPR–1/11
Atmel AT93C56B/66B
5.
Part Markings
5.1
Atmel AT93C56B
Package Mark Contact:
DL-CSO-Assy_eng@atmel.com
DRAWING NO. REV.
TITLE
Lot Number
AAAAAAA = ATMEL Wafer Lot Number
Voltages
Blank: 2.7v min
D: 2.5v min
L: 1.8v min
M: 1.7v min
P: 1.5v min
Grade/Lead Finish Material
U: Industrial/Matt Tin
H: Industrial/NiPdAu
ATMEL Truncation
AT: ATMEL
ATM: ATMEL
ATML: ATMEL
Catalog Number: AT93C56B
Catalog Truncation: 56B
Date Codes
Y = Year
M = Month
WW = Work Week of Assembly
0: 2010
4: 2014
A: January
02: Week 2
1: 2011
5: 2015
B: February
04: Week 4
2: 2012
6: 2016
” “
“ ”
3: 2013
7: 2017
L: December
52: Week 52
Country of Assembly
@ = Country of Assembly
B = PHILIPPINES
W = THAILAND
Q = MALAYSIA
H,Y = CHINA
Trace Code
XX = Trace Code (ATMEL Lot Numbers to Correspond to Code)
(e.g. XX:
AA, AB...YZ, ZZ)
2 Rows
56BU
@YMXX
2.35x3.73mm
8-ball VFBGA -
PIN 1
1 of 4 and 1 of 5 Characters
8 lead UDFN -
3 Rows of 3 Characters
56B
HM@
YXX
2.0x3.0mm
PIN 1
3 Rows of 8 Characters
AAAAAAAA
56BM
@
ATMLHYWW
8 lead SOIC
3 Rows
8 lead TSSOP
AAAAAAA
56BM @
ATHYWW
2 of 6 and 1 of 7 Characters
2 Rows of 3 Characters
56B
YXX
PIN 1
8 lead XDFN - 1.8x2.2mm
93C56BSM
A
1/12/11
93C56BSM, AT93C56B Standard Marking Information
for Package Offering


Similar Part No. - AT93C66B-MAHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
More results

Similar Description - AT93C66B-MAHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com