Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV8192AT-11TI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49BV8192AT-11TI
Description  8-megabit (1M x 8/512K x 6) Flash memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV8192AT-11TI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49BV8192AT-11TI Datasheet HTML 3Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 4Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 5Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 6Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 7Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 8Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 9Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 10Page - ATMEL Corporation AT49BV8192AT-11TI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AT49BV008A(T)/8192A(T)
7
Notes:
1. The DATA FORMAT in each bus cycle is as follows: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex)
The ADDRESS FORMAT in each bus cycle is as follows: A15 - A0 (Hex), A-1, and A15 - A18 (Don’t Care)
2. The boot sector has the address range
00000H to 03FFFH for the AT49BV008A; FC000H to FFFFFH for the
AT49BV008AT.
3. Either one of the Product ID Exit commands can be used.
4. SA = sector addresses: (A0 - A18)
For the AT49BV008A
SA = 02XXX for BOOT BLOCK
SA = 04XXX for PARAMETER BLOCK 1
SA = 06XXX for PARAMETER BLOCK 2
SA = FEXXX for MAIN MEMORY ARRAY
For the AT49BV008AT
SA = FEXXX for BOOT BLOCK
SA = FAXXX for PARAMETER BLOCK 1
SA = F8XXX for PARAMETER BLOCK 2
SA = F6XXX for MAIN MEMORY ARRAY
Command Definition (in Hex) for Alternate Pin Definition of AT49BV008A(T)
(1)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
DOUT
Chip Erase
6
A555
AA
5AAA
55
A555
80
A555
AA
5AAA
55
A555
10
Sector Erase
6
A555
AA
5AAA
55
A555
80
A555
AA
5AAA
55
SA
(4)
30
Byte/Word Program
4
A555
AA
5AAA
55
A555
A0
Addr
DIN
Boot Block Lockout
(2)
6
A555
AA
5AAA
55
A555
80
A555
AA
5AAA
55
A555
40
Product ID Entry
3
A555
AA
5AAA
55
A555
90
Product ID Exit
(3)
3
A555
AA
5AAA
55
A555
F0
Product ID Exit
(3)
1xxxx
F0
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on RESET
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT49BV8192AT-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV8192AT-12CC ATMEL-AT49BV8192AT-12CC Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192AT-12CI ATMEL-AT49BV8192AT-12CI Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192AT-12TC ATMEL-AT49BV8192AT-12TC Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192AT-12TI ATMEL-AT49BV8192AT-12TI Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192AT-15CC ATMEL-AT49BV8192AT-15CC Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
More results

Similar Description - AT49BV8192AT-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
   Flash Memory 8M (1M x 8/512K x 160
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com