Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

397LMX250M2DD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 397LMX250M2DD
Description  105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LMX250M2DD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  397LMX250M2DD Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LMX250M2DD Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LMX250M2DD Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LMX250M2DD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
LMX
+105°C 5000 hour Snap mount
Aluminum Electrolytic Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
High ripple current
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-25°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
200
250
400
450
Surge
voltage
SVDC
250
300
450
500
WVDC
200
250
400
450
Dissipation
Factor
Tan
δ
.15
.15
.15
.15
5 Minutes
Leakage current
.02CV or 3000uA,Whichever is greater
WVDC
200
250
400
450
Low temperature stability
Impedance ratio (120 Hz)
-25°C to +20°C
4
4
6
6
5000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Load Life
Leakage current
<100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Shelf Life
Leakage current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
60
120
400
1k
10k
+105
+85
+70
+60
+45
Ripple Current Multipliers
.8
1.0
1.1
1.3
1.4
1
1.8
2
2.2
2.5


Similar Part No. - 397LMX250M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LMX250M2DD ILLINOISCAPACITOR-397LMX250M2DD Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
397LMX250M2DD ILLINOISCAPACITOR-397LMX250M2DD Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
397LMX250M2DD ILLINOISCAPACITOR-397LMX250M2DD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LMX250M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com