Electronic Components Datasheet Search |
|
564PPS302KS Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
564PPS302KS Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 3 page PPS Axial leaded metallized polypropylene film capacitors for power semiconductors Features Self Healing Stable with frequency and temperature High dvdt Good pulse current ratings Applications Power semiconductor circuits Switching power supplies Inverter/ Converters Induction Heating Specifications Operating Temperature Range -55°C to +85°C Capacitance Tolerance +10% at 1 kHz, 25°C +5% optional WVDC 700 850 1000 1200 1500 2000 2500 3000 Surge Voltage(SVDC) SVDC 1100 1300 1550 1750 2200 2600 300 4000 WVDC 700 850 1000 1200 1500 2000 2500 3000 AC voltage (50/60 Hz) VAC 420 500 525 550 600 650 700 750 Frequency (kHz) C<0.1uF C>1uF Dissipation Factor (MAX) 25°C 1 0.05% 0.07% Insulation Resistance @25°C (<70% RH)for 1 minute at 100VDC applied 30000 MΩxμF (not to exceed 30G Ω) Self Inductance <1 nano-Henry per mm of lead spacing Capacitance Drift Factor <0.5% after 2 years at 40°C 30000 hours @VAC, 70°C 100000 hours @VDC, 70°C Life Expectancy Capacitance Change <3% of initially measured value Failure Quota 300/ billion component hours 56 days at 40°C with 90 to 95%RH, +40°C and no voltage applied Capacitance Change <2% of initially measured value Dissipation Factor <0.0001 at 1kHz and 25°C Damp Heat test Insulation Resistance >50% of maximum specified value Self Inductance <1 nano-Henry per mm of body length and lead length Capacitance Drift Factor <1.0% after 2 years at 40°C Capacitance Temperature Coefficient -200 ppm/°C, +100ppm/°C Terminal to Terminal Terminal to case Dielectric Strength 160% of rated VDC or 200% VDC applied for 2 Seconds and 25°C 3kVAC, 50/60Hz applied between the leads and case for 60 seconds Dielectric Polypropylene Construction Metallized film with internal series connections Coating Flame Retardant polyester tape wrap (UL 501) with epoxy resin end fill(UL94V0) Leads Lead free tinned copper leads L MAX 29 34 34 46 46 55 59 D <17.5 <18 >18 <25 >25 all all d +0.05 0.8 0.8 1.0 1.0 1.2 1.2 1.2 |
Similar Part No. - 564PPS302KS |
|
Similar Description - 564PPS302KS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |