Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C040-90TU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C040-90TU
Description  4-Megabit (512K x 8) otp eprom
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-90TU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C040-90TU Datasheet HTML 1Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 2Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 3Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 4Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 5Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 6Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 7Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 8Page - ATMEL Corporation AT27C040-90TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
0189G–EPROM–05/05
AT27C040
2.1
32-lead PDIP Top View
2.2
32-lead TSOP Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE
07
06
05
04
03
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
A18
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
07
06
05
04
03
GND
02
01
O0
A0
A1
A2
A3
2.3
32-lead PLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
07
2.
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable


Similar Part No. - AT27C040-90TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-90TC ATMEL-AT27C040-90TC Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-90TI ATMEL-AT27C040-90TI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-90TI ATMEL-AT27C040-90TI Datasheet
354Kb / 14P
   4-Megabit
More results

Similar Description - AT27C040-90TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com