Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C040-70TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C040-70TI
Description  4-Megabit (512K x 8) otp eprom
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-70TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C040-70TI Datasheet HTML 1Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 2Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 3Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 4Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 5Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 6Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 7Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 8Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Fast Read Access Time – 70 ns
Low Power CMOS Operation
–100 µA Max Standby
– 30 mA Max Active at 5 MHz
JEDEC Standard Packages
– 32-lead PDIP
– 32-lead PLCC
– 32-lead TSOP
5V
± 10% Supply
High Reliability CMOS Technology
– 2000V ESD Protection
– 200 mA Latchup Immunity
Rapid Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
Industrial Temperature Range
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time pro-
grammable read-only memory (OTP EPROM) organized as 512K by 8 bits. The
AT27C040 requires only one 5V power supply in normal read mode operation. Any
byte can be accessed in less than 70 ns, eliminating the need for speed reducing
WAIT states on high-performance microprocessor systems.
Atmel’s scaled CMOS technology provides low active power consumption, and fast
programming. Power consumption is typically 8 mA in active mode and less than
10
µA in standby mode.
The AT27C040 is available in a choice of industry-standard JEDEC-approved one-
time programmable (OTP) plastic PDIP, PLCC and TSOP packages. The device fea-
tures two-line control (CE, OE) to eliminate bus contention in high-speed systems.
Atmel’s AT27C040 has additional features to ensure high quality and efficient produc-
tion use. The Rapid Programming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming time is typically only
100
µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry-standard programming
equipment to select the proper programming algorithms and voltages.
4-Megabit
(512K x 8)
OTP EPROM
AT27C040
0189G–EPROM–05/05


Similar Part No. - AT27C040-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
354Kb / 14P
   4-Megabit
More results

Similar Description - AT27C040-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
   4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com