Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8853AIV090K Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8853AIV090K
Description  High PSRR, Low Noise, 300mA CMOS Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8853AIV090K Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8853AIV090K Datasheet HTML 7Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 8Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 9Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 10Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 11Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 12Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 13Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 14Page - Analog Microelectronics AME8853AIV090K Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AME
11
AME8853
Rev. C.03
High PSRR, Low Noise, 300mA
CMOS Regulator
n Characterization Curve
0 .950
0 .960
0 .970
0 .980
0 .990
1 .000
1 .010
1 .020
1 .030
1 .040
1 .050
-40
-25
-10
+ 5
+20
+ 35
+50
+ 65
+80
+ 95 + 110 +125
Temperature(OC)
VIN = 2.8V
V
OUT = 1 .0V
I
OUT = 1 mA
4 .15
4 .20
4 .25
4 .30
4 .35
4 .40
4 .45
-40
-25
-10
+5
+20
+35
+50
+65
+ 80
+ 95
+110
+ 125
Temperature(
OC)
VIN = 5.3V
VOUT = 4.3V
IOUT = 1mA
Output Voltage
Output Voltage
100
0
10
20
30
40
50
60
70
80
90
-40
-25
-10
+5
+20
+ 35
+ 50
+65
+80
+ 95 +110 +125
VOUT = 1.0V
Temperature(
O C)
Quiescent Current
0
10
20
30
40
50
60
70
80
90
100
-40
-25
-10
+5
+ 20
+35
+ 50
+ 65
+ 80
+95
+110 + 125
Temperature(
O C)
V
OUT = 4.3 V
Quiescent Current
300
400
500
600
700
800
900
1000
2 .8
3.8
4.8
5.5
VOUT = 1.0V
Input Voltage
Current Limit vs. Input Voltage
300
400
500
600
700
800
900
1000
5.3
5.4
5 .5
V
OUT = 4.3 V
Input Voltage
Current Limit vs. Input Voltage


Similar Part No. - AME8853AIV090K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET080K AME-AME8853AAET080K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET090K AME-AME8853AAET090K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET100K AME-AME8853AAET100K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8853AAET110K AME-AME8853AAET110K Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
More results

Similar Description - AME8853AIV090K

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com