Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1214 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1214
Description  1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1214 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1214 Datasheet HTML 1Page - Maxim Integrated Products MAX1214 Datasheet HTML 2Page - Maxim Integrated Products MAX1214 Datasheet HTML 3Page - Maxim Integrated Products MAX1214 Datasheet HTML 4Page - Maxim Integrated Products MAX1214 Datasheet HTML 5Page - Maxim Integrated Products MAX1214 Datasheet HTML 6Page - Maxim Integrated Products MAX1214 Datasheet HTML 7Page - Maxim Integrated Products MAX1214 Datasheet HTML 8Page - Maxim Integrated Products MAX1214 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.8V, Low-Power, 12-Bit, 170Msps
ADC for Broadband Applications
________________________________________________________________ Maxim Integrated Products
1
19-3863; Rev 0; 4/06
EVALUATION
KIT
AVAILABLE
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1213N is a monolithic, 12-bit, 170Msps ana-
log-to-digital converter (ADC) optimized for outstanding
dynamic performance at high-IF frequencies beyond
300MHz. The product operates with conversion rates
up to 170Msps while consuming only 720mW.
At 170Msps and an input frequency up to 100MHz, the
MAX1213N achieves an 87dBc spurious-free dynamic
range (SFDR) with excellent 67.2dB signal-to-noise
ratio (SNR) that remains flat (within 2dB) for input tones
up to 250MHz. This makes it ideal for wideband appli-
cations such as communications receivers, cable-head
end receivers, and power-amplifier predistortion in cel-
lular base-station transceivers.
The MAX1213N operates from a single 1.8V power sup-
ply. The analog input is designed for AC-coupled differ-
ential or single-ended operation. The ADC also features
a selectable on-chip divide-by-2 clock circuit that
accepts clock frequencies as high as 340MHz. A low-
voltage differential signal (LVDS) sampling clock is
recommended for best performance. The converter pro-
vides LVDS-compatible digital outputs with data format
selectable to be either two’s complement or offset binary.
The MAX1213N is available in a 68-pin QFN package
with exposed paddle (EP) and is specified over the
industrial (-40°C to +85°C) temperature range.
See the Pin-Compatible Versions table for a complete
selection of 8-bit, 10-bit, and 12-bit high-speed ADCs in
this family.
Applications
Base-Station Power-Amplifier Linearization
Cable-Head End Receivers
Wireless and Wired Broadband Communications
Communications Test Equipment
Radar and Satellite Subsystems
Features
♦ 170Msps Conversion Rate
♦ Excellent Low-Noise Characteristics
SNR = 67.2dB at fIN = 100MHz
SNR = 65.2dB at fIN = 250MHz
♦ Excellent Dynamic Range
SFDR = 87dBc at fIN = 100MHz
SFDR = 79dBc at fIN = 250MHz
♦ Single 1.8V Supply
♦ 720mW Power Dissipation at fSAMPLE = 170Msps
and fIN = 100MHz
♦ On-Chip Track-and-Hold Amplifier
♦ Internal 1.24V-Bandgap Reference
♦ On-Chip Selectable Divide-by-2 Clock Input
♦ LVDS Digital Outputs with Data Clock Output
♦ MAX1213NEVKIT Available
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX1213NEGK-D
-40
°C to +85°C 68 QFN-EP* G6800-4
MAX1213NEGK+D
-40
°C to +85°C 68 QFN-EP* G6800-4
Ordering Information
*EP = Exposed paddle.
+Denotes lead-free package.
D = Dry pack.
Pin-Compatible Versions
PART
RESOLUTION
(BITS)
SPEED GRADE
(Msps)
ON-CHIP
BUFFER
MAX1121
8
250
Yes
MAX1122
10
170
Yes
MAX1123
10
210
Yes
MAX1124
10
250
Yes
MAX1213
12
170
Yes
MAX1214
12
210
Yes
MAX1215
12
250
Yes
MAX1213N
12
170
No
MAX1214N
12
210
No
MAX1215N
12
250
No
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX1214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1214 MAXIM-MAX1214 Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214 MAXIM-MAX1214 Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214 MAXIM-MAX1214 Datasheet
562Kb / 12P
   Up to 170Msps/210Msps/250Msps Sampling Rate
Rev 1; 4/05
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
More results

Similar Description - MAX1214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
logo
Linear Technology
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
   12-Bit, 170Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com