Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1214N Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1214N
Description  1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1214N Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1214N Datasheet HTML 1Page - Maxim Integrated Products MAX1214N Datasheet HTML 2Page - Maxim Integrated Products MAX1214N Datasheet HTML 3Page - Maxim Integrated Products MAX1214N Datasheet HTML 4Page - Maxim Integrated Products MAX1214N Datasheet HTML 5Page - Maxim Integrated Products MAX1214N Datasheet HTML 6Page - Maxim Integrated Products MAX1214N Datasheet HTML 7Page - Maxim Integrated Products MAX1214N Datasheet HTML 8Page - Maxim Integrated Products MAX1214N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1.8V, Low-Power, 12-Bit, 210Msps
ADC for Broadband Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 210MHz, differential clock input drive, 0.1µF capacitor on REFIO, internal ref-
erence, digital output pins differential RL = 100
Ω. Limits are for TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC to AGND ......................................................-0.3V to +2.1V
OVCC to OGND .....................................................-0.3V to +2.1V
AVCC to OVCC .......................................................-0.3V to +2.1V
AGND to OGND ....................................................-0.3V to +0.3V
INP, INN to AGND ....................................-0.3V to (AVCC + 0.3V)
All Digital Inputs to AGND........................-0.3V to (AVCC + 0.3V)
REFIO, REFADJ to AGND ........................-0.3V to (AVCC + 0.3V)
All Digital Outputs to OGND ....................-0.3V to (OVCC + 0.3V)
Current into Any Pin..........................................................±50mA
Continuous Power Dissipation (TA = +70°C, multilayer board)
68-Pin QFN-EP (derate 41.7mW/°C above +70°C)....3333mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-60°C to +150°C
Lead Temperature (soldering,10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
INL
fIN = 10MHz (Note 2)
-2.1
±0.75
+2.1
LSB
Differential Nonlinearity
DNL
No missing codes (Note 2)
-1.0
±0.3
+1.3
LSB
Transfer Curve Offset
VOS
(Note 2)
-3
+3
mV
Offset Temperature Drift
±15
µV/
°C
ANALOG INPUTS (INP, INN)
Full-Scale Input Voltage Range
VFS
1150
1390
mVP-P
Full-Scale Range Temperature
Drift
±60
ppm/
°C
Common-Mode Input Voltage
VCM
Internally self-biased
0.7
V
Differential Input Capacitance
CIN
2.5
pF
Differential Input Resistance
RIN
1.8
k
Full-Power Analog Bandwidth
FPBW
700
MHz
REFERENCE (REFIO, REFADJ)
Reference Output Voltage
VREFIO
REFADJ = AGND
1.18
1.24
1.30
V
Reference Temperature Drift
90
ppm/
°C
REFADJ Input High Voltage
VREFADJ
Used to disable the internal reference
AVCC - 0.3
V
SAMPLING CHARACTERISTICS
Maximum Sampling Rate
fSAMPLE
210
MHz
Minimum Sampling Rate
fSAMPLE
20
MHz
Clock Duty Cycle
Set by clock-management circuit
40 to 60
%
Aperture Delay
tAD
Figures 5, 11
620
ps
Aperture Jitter
tAJ
Figure 11
0.15
psRMS


Similar Part No. - MAX1214N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214N MAXIM-MAX1214N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
More results

Similar Description - MAX1214N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
   1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com