Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3157DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3157DBVR
Description  10OHM SPDT ANALOG SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3157DBVR Datasheet HTML 5Page - Texas Instruments TS5A3157DBVR Datasheet HTML 6Page - Texas Instruments TS5A3157DBVR Datasheet HTML 7Page - Texas Instruments TS5A3157DBVR Datasheet HTML 8Page - Texas Instruments TS5A3157DBVR Datasheet HTML 9Page - Texas Instruments TS5A3157DBVR Datasheet HTML 10Page - Texas Instruments TS5A3157DBVR Datasheet HTML 11Page - Texas Instruments TS5A3157DBVR Datasheet HTML 12Page - Texas Instruments TS5A3157DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25
°C
140
160
ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
ron
1.65 V
resistance
ICOM = –4 mA,
See Figure 13
Full
160
ON-state
25
°C
0.5
0.6
VNO or VNC = 1.16 V,
Switch ON,
resistance match
Δron
1.65 V
ICOM = –4 mA,
See Figure 13
Full
0.75
between channels
ON-state
25
°C
125
130
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
1.65 V
ICOM = –4 mA,
See Figure 13
Full
140
flatness
VNO or VNC = 0.3 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = 1.65 V,
INO(OFF),
Switch OFF,
OFF leakage
or
1.95 V
μA
INC(OFF)
See Figure 14
Full
–0.2
0.1
0.2
current
VNO or VNC = 1.65 V,
VCOM = 0.3 V,
VNO or VNC = 0.3 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
1.95 V
μA
INC(ON)
See Figure 15
Full
–0.2
0.1
0.2
current
VNO or VNC = 1.65 V,
VCOM = Open,
VCOM = 0.3 V,
25
°C
–0.1
0.05
0.1
COM
VNO or VNC = Open,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
μA
See Figure 15
Full
–0.2
0.1
0.2
current
VCOM = 1.65 V,
VNO or VNC = Open,
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.65
5.5
V
Input logic low
VIL
Full
0
V+ × 0.35
V
25
°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
μA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A3157


Similar Part No. - TS5A3157DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157DBVR TI-TS5A3157DBVR Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI-TS5A3157DBVRE4 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
More results

Similar Description - TS5A3157DBVR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com