Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS23770PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23770PWPR
Description  INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23770PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS23770PWPR Datasheet HTML 1Page - Texas Instruments TPS23770PWPR Datasheet HTML 2Page - Texas Instruments TPS23770PWPR Datasheet HTML 3Page - Texas Instruments TPS23770PWPR Datasheet HTML 4Page - Texas Instruments TPS23770PWPR Datasheet HTML 5Page - Texas Instruments TPS23770PWPR Datasheet HTML 6Page - Texas Instruments TPS23770PWPR Datasheet HTML 7Page - Texas Instruments TPS23770PWPR Datasheet HTML 8Page - Texas Instruments TPS23770PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1) (2)
DISSIPATION RATINGS TABLE
TPS23750
TPS23770
SLVS590B – JULY 2005 – REVISED FEBRUARY 2008
All voltage values are with respect to VSS unless otherwise noted.
MIN
NOM
MAX
UNIT
VDD
Input voltage range(3)
COM, SEN, SENP
0
67
V
FB, COMP, MODE, BL
0
VBIAS
Input voltage range
AUX to COM
0
16
V
RSP to RSN
0
1
AUX
0
2
Sourcing current
VBIAS
0
2
mA
COMP
0
2
QG
GATE loading
20
nC
AUX load capacitance
0.8
25
µF
VBIAS load capacitance
0.08
1.5
µF
RFREQ
30
300
k
Ω
TJ
Operating junction temperature range
-40
125
°C
TA
Operating ambient temperature range
-40
85
°C
(1)
RSN, COM, and RTN should be tied together. SENP should be tied to VDD except for the buck configuration, where it should be tied to
the output positive rail.
(2)
TMR, FREQ, CLASS, DET, VBIAS, and GATE should not be externally driven.
(3)
Junction temperature may be a constraining factor for high bias power designs.
θ
JP
θ
JC
θ
JA
θ
JA
θ
JA
MAXIMUM POWER RATING
PACKAGE
°C/W(1)
°C/W
°C/W(2)
°C/W(3)
°C/W(4)
(W)(5)
PWP (TSSOP-20)
1.4
26.62
32.6
151.9
73.8
1.2
(1)
Thermal resistance junction to pad.
(2)
See TI document SLMA002 for recommended layout. This is a best case, zero airflow number.
(3)
JEDEC method with low-k board (2 signal layers) and power pad not soldered (worst case).
(4)
JEDEC method with high-k board (4 layers, 2 signal and 2 planes) and power pad not soldered.
(5)
Based on TI recommended layout and 85
°C ambient.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS23750 TPS23770


Similar Part No. - TPS23770PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23770PWPR TI-TPS23770PWPR Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
More results

Similar Description - TPS23770PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com