Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX918 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX918
Description  SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX918 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX918 Datasheet HTML 7Page - Maxim Integrated Products MAX918 Datasheet HTML 8Page - Maxim Integrated Products MAX918 Datasheet HTML 9Page - Maxim Integrated Products MAX918 Datasheet HTML 10Page - Maxim Integrated Products MAX918 Datasheet HTML 11Page - Maxim Integrated Products MAX918 Datasheet HTML 12Page - Maxim Integrated Products MAX918 Datasheet HTML 13Page - Maxim Integrated Products MAX918 Datasheet HTML 14Page - Maxim Integrated Products MAX918 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SOT23, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
______________________________________________________________________________________
11
THRESHOLDS
OUT
IN+
IN-
VHB
HYSTERESIS
BAND
VTHF
VTHR
Figure 2. Threshold Hysteresis Band
VCC
MAX917
MAX919
OUT
R3
R1
R2
VREF
VEE
VIN
VCC
Figure 3. MAX917/MAX919 Additional Hysteresis
Additional Hysteresis (MAX917/MAX919)
The MAX917/MAX919 have a 4mV internal hysteresis
band (VHB). Additional hysteresis can be generated
with three resistors using positive feedback (Figure 3).
Unfortunately, this method also slows hysteresis re-
sponse time. Use the following procedure to calculate
resistor values.
1) Select R3. Leakage current at IN is under 2nA, so
the current through R3 should be at least 0.2µA to
minimize errors caused by leakage current. The cur-
rent through R3 at the trip point is (VREF - VOUT)/R3.
Considering the two possible output states in solving
for R3 yields two formulas: R3 = VREF/IR3 or R3 =
(VCC - VREF)/IR3. Use the smaller of the two resulting
resistor values. For example, when using the
MAX917 (VREF = 1.245V) and VCC = 5V, and if we
choose IR3 = 1µA, then the two resistor values are
1.2MΩ and 3.8MΩ. Choose a 1.2MΩ standard value
for R3.
2) Choose the hysteresis band required (VHB). For this
example, choose 50mV.
3) Calculate R1 according to the following equation:
R1 = R3 (VHB / VCC)
For this example, insert the values
R1 = 1.2MΩ (50mV/5V) = 12kΩ
4) Choose the trip point for VIN rising (VTHR) such that
VTHR > VREF · (R1 + R3)/R3 (VTHF is the trip point for
VIN falling). This is the threshold voltage at which the
comparator switches its output from low to high as
VIN rises above the trip point. For this example,
choose 3V.
5) Calculate R2 as follows:
R2 = 1/[VTHR/(VREF · R1) - (1 / R1) - (1 / R3)]
R2 = 1/[3.0V/(1.2V · 12kΩ) - (1 / 12kΩ) -
(1/1.2MΩ)] = 8.05kΩ
For this example, choose an 8.2kΩ standard value.
6) Verify the trip voltages and hysteresis as follows:
VIN rising: VTHR = VREF · R1 [(1 / R1) + (1 / R2)
+ (1 / R3)]
VIN falling: VTHF = VTHR - (R1 · VCC / R3)
Hysteresis = VTHR - VTHF
Additional Hysteresis (MAX918/MAX920)
The MAX918/MAX920 have a 4mV internal hysteresis
band. They have open-drain outputs and require an
external pullup resistor (Figure 4). Additional hysteresis
can be generated using positive feedback, but the for-
mulas differ slightly from those of the MAX917/
MAX919. Use the following procedure to calculate
resistor values.
1) Select R3 according to the formulas R3 = VREF / 1µA
or R3 = (VCC - VREF)/1µA - R4. Use the smaller of
the two resulting resistor values.
2) Choose the hysteresis band required (VHB).
3) Calculate R1 according to the following equation:
R1 = (R3 + R4) (VHB/VCC)
4) Choose the trip point for VIN rising (VTHR) (VTHF is
the trip point for VIN falling). This is the threshold
voltage at which the comparator switches its output
from low to high as VIN rises above the trip point.
5) Calculate R2 as follows:
R2
1/ V
/ V
R1
1
R1
1
R3
THR
REF
=
()
⎟ −


Similar Part No. - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX918 MAXIM-MAX918 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX918 MAXIM-MAX918 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
   400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9180EXT-T MAXIM-MAX9180EXT-T Datasheet
246Kb / 9P
   400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9181 MAXIM-MAX9181 Datasheet
245Kb / 8P
   Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
Rev 1; 2/04
More results

Similar Description - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com