Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX977 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX977
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX977 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX977 Datasheet HTML 1Page - Maxim Integrated Products MAX977 Datasheet HTML 2Page - Maxim Integrated Products MAX977 Datasheet HTML 3Page - Maxim Integrated Products MAX977 Datasheet HTML 4Page - Maxim Integrated Products MAX977 Datasheet HTML 5Page - Maxim Integrated Products MAX977 Datasheet HTML 6Page - Maxim Integrated Products MAX977 Datasheet HTML 7Page - Maxim Integrated Products MAX977 Datasheet HTML 8Page - Maxim Integrated Products MAX977 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.25V, specifications are for high-speed mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................................+6V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Current into Input Pins ......................................................±20mA
Duration of Output Short Circuit to GND_ or VCC ......Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) .............330mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
16-Pin QSOP (derate 8.33mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
250
500
µA
36
ICC
Supply Current
Per Comparator
35
dB
77
PSRR
Power-Supply
Rejection Ratio
63
90
V
2.7
5.25
VCC
Supply-Voltage
Operating Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
High-speed mode
µMAX/QSOP
SO
CONDITIONS
Low-power mode
High-speed mode
Auto-standby/low-power modes
VCM = 1V,
2.7V
≤ VCC ≤ 5.25V
Common-Mode
Voltage Range
VCMR
(Note 2)
-0.2
VCC - 1.2
V
High-speed mode, TA = +25°C
+0.2
±2
±3
High-speed mode, TA = TMIN to TMAX
±1
±5
Input Offset Voltage
(Note 3)
VCM = 1V,
VCC = 5V
Auto-standby/
low-power modes,
TA = TMIN to TMAX
mV
SO
0.5
2
4
Input-Referred Hysteresis
VHYS
VCM = 1V, VCC = 5V (Note 4)
µMAX/QSOP
0.3
2
4
mV
IB
SO
-100
-300
High-speed mode
µMAX/QSOP
-100
-400
Input Bias Current
Auto-standby/low-power modes
-5
nA
Input Offset Current
IOS
±20
±100
nA
Input Capacitance
CIN
3
pF
SO
66
90
High-speed mode
µMAX/QSOP
54
Common-Mode
Rejection Ratio
CMRR
-0.2V
≤ VCM
≤ VCC - 1.2V
Low-power mode
82
dB
SO
VOS
POWER SUPPLY
COMPARATOR INPUTS
±1
±7
µMAX/QSOP


Similar Part No. - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX977 MAXIM-MAX977 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX9770 MAXIM-MAX9770 Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI MAXIM-MAX9770ETI Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770ETI++ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com