Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

187LMX450M2DE Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 187LMX450M2DE
Description  105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

187LMX450M2DE Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  187LMX450M2DE Datasheet HTML 1Page - Illinois Capacitor, Inc. 187LMX450M2DE Datasheet HTML 2Page - Illinois Capacitor, Inc. 187LMX450M2DE Datasheet HTML 3Page - Illinois Capacitor, Inc. 187LMX450M2DE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LMX
+105°C, 5000 Hour
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47
450
476LMX450M2BC
5.291
0.39
22x25
56
450
566LMX450M2BC
4.441
0.42
22x25
56
450
566LMX450M2BD
4.441
0.46
22x30
68
400
686LMX400M2BC
3.657
0.47
22x25
68
450
686LMX450M2BD
3.657
0.5
22x30
68
450
686LMX450M2BE
3.657
0.54
22x35
68
450
686LMX450M2CC
3.657
0.5
25x25
82
400
826LMX400M2BC
3.033
0.52
22x25
82
400
826LMX400M2BD
3.033
0.56
22x30
82
450
826LMX450M2BD
3.033
0.55
22x30
82
450
826LMX450M2BE
3.033
0.59
22x35
82
450
826LMX450M2CC
3.033
0.55
25x25
82
450
826LMX450M2CD
3.033
0.6
25x30
100
400
107LMX400M2CD
2.487
0.66
25x30
100
400
107LMX400M2BD
2.487
0.62
22x30
100
400
107LMX400M2BE
2.487
0.66
22x35
100
400
107LMX400M2CC
2.487
0.62
25x25
100
450
107LMX450M2BE
2.487
0.65
22x35
100
450
107LMX450M2BF
2.487
0.69
22x40
100
450
107LMX450M2CD
2.487
0.66
25x30
100
450
107LMX450M2CE
2.487
0.7
25x35
100
450
107LMX450M2DC
2.487
0.68
30x25
120
400
127LMX400M2BE
2.072
0.72
22x35
120
400
127LMX400M2BF
2.072
0.76
22x40
120
400
127LMX400M2CD
2.072
0.73
25x30
120
400
127LMX400M2CE
2.072
0.77
25x35
120
400
127LMX400M2DC
2.072
0.75
30x25
120
450
127LMX450M2BF
2.072
0.76
22x40
120
450
127LMX450M2DD
2.072
0.8
30x30
120
450
127LMX450M2EC
2.072
0.82
35x25
120
450
127LMX450M2BH
2.072
0.84
22x50
120
450
127LMX450M2CE
2.072
0.77
25x35
120
450
127LMX450M2CF
2.072
0.81
25x40
120
450
127LMX450M2DC
2.072
0.75
30x25
150
250
157LMX250M2BC
1.658
0.69
22x25
150
400
157LMX400M2CD
1.658
0.81
25x30
150
400
157LMX400M2CF
1.658
0.92
25x40
150
400
157LMX400M2DC
1.658
0.84
30x25
150
400
157LMX400M2DD
1.658
0.9
30x30
150
400
157LMX400M2BF
1.658
0.85
22x40
150
400
157LMX400M2BG
1.658
0.9
22x45
150
450
157LMX450M2BH
1.658
0.94
22x50
150
450
157LMX450M2CF
1.658
0.91
25x40
150
450
157LMX450M2CG
1.658
0.96
25x45
150
450
157LMX450M2DD
1.658
0.9
30x30
150
450
157LMX450M2DE
1.658
0.96
30x35
150
450
157LMX450M2ED
1.658
0.99
35x30
180
250
187LMX250M2BC
1.382
0.76
22x25
180
250
187LMX250M2BD
1.382
0.82
22x30
180
250
187LMX250M2CC
1.382
0.82
25x25
180
400
187LMX400M2CE
1.382
0.95
25x35
180
400
187LMX400M2CF
1.382
1.06
25x40
180
400
187LMX400M2DD
1.382
0.99
30x30
180
400
187LMX400M2DE
1.382
1.06
30x35
180
400
187LMX400M2BG
1.382
0.98
22x45
180
400
187LMX400M2BH
1.382
1.03
22x50
180
400
187LMX400M2EC
1.382
1.01
35x25
180
450
187LMX450M2CG
1.382
1.05
25x45
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
180
450
187LMX450M2DE
1.382
1.05
30x35
180
450
187LMX450M2DF
1.382
1.11
30x40
180
450
187LMX450M2ED
1.382
1.08
35x30
220
200
227LMX200M2BC
1.13
0.85
22x25
220
250
227LMX250M2BD
1.13
0.91
22x30
220
250
227LMX250M2BE
1.13
0.97
22x35
220
250
227LMX250M2CD
1.13
0.98
25x30
220
400
227LMX400M2BH
1.13
1.14
22x50
220
400
227LMX400M2ED
1.13
1.2
35x30
220
400
227LMX400M2CF
1.13
1.11
25x40
220
400
227LMX400M2CH
1.13
1.22
25x50
220
400
227LMX400M2DD
1.13
1.09
30x30
220
400
227LMX400M2DE
1.13
1.16
30x35
220
450
227LMX450M2ED
1.13
1.19
35x30
220
450
227LMX450M2EE
1.13
1.27
35x35
220
450
227LMX450M2DF
1.13
1.22
30x40
220
450
227LMX450M2DG
1.13
1.29
30x45
270
200
277LMX200M2BD
0.921
1.02
22x30
270
200
277LMX200M2CC
0.921
1.02
25x25
270
250
277LMX250M2BD
0.921
1.01
22x30
270
250
277LMX250M2CD
0.921
1.08
25x30
270
250
277LMX250M2BE
0.921
1.07
22x35
270
250
277LMX250M2CC
0.921
1.01
25x25
270
400
277LMX400M2CG
0.921
1.29
25x45
270
400
277LMX400M2DE
0.921
1.29
30x35
270
400
277LMX400M2DG
0.921
1.43
30x45
270
400
277LMX400M2ED
0.921
1.33
35x30
270
400
277LMX400M2EE
0.921
1.41
35x35
270
450
277LMX450M2DG
0.921
1.43
30x45
270
450
277LMX450M2DH
0.921
1.49
30x50
270
450
277LMX450M2EE
0.921
1.41
35x35
270
450
277LMX450M2EF
0.921
1.48
35x40
330
200
337LMX200M2BD
0.754
1.12
22x30
330
200
337LMX200M2BE
0.754
1.2
22x35
330
200
337LMX200M2CC
0.754
1.12
25x25
330
200
337LMX200M2CD
0.754
1.21
25x30
330
250
337LMX250M2BE
0.754
1.19
22x35
330
250
337LMX250M2BF
0.754
1.26
22x40
330
250
337LMX250M2CD
0.754
1.2
25x30
330
250
337LMX250M2CE
0.754
1.28
25x35
330
250
337LMX250M2DC
0.754
1.24
30x25
330
400
337LMX400M2EE
0.754
1.56
35x35
330
400
337LMX400M2EF
0.754
1.65
35x40
330
400
337LMX400M2DF
0.754
1.51
30x40
330
400
337LMX400M2DH
0.754
1.66
30x50
330
450
337LMX450M2DH
0.754
1.65
30x50
330
450
337LMX450M2EF
0.754
1.64
35x40
330
450
337LMX450M2EG
0.754
1.72
35x45
390
200
397LMX200M2BE
0.638
1.31
22x35
390
200
397LMX200M2DC
0.638
1.37
30x25
390
200
397LMX200M2CD
0.638
1.32
25x30
390
200
397LMX200M2CE
0.638
1.4
25x35
390
250
397LMX250M2DD
0.638
1.45
30x30
390
250
397LMX250M2DE
0.638
1.54
30x35
390
250
397LMX250M2BF
0.638
1.37
22x40
390
250
397LMX250M2BG
0.638
1.44
22x45
390
250
397LMX250M2CE
0.638
1.39
25x35
390
250
397LMX250M2CF
0.638
1.47
25x40


Similar Part No. - 187LMX450M2DE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
187LMX450M2DE ILLINOISCAPACITOR-187LMX450M2DE Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
187LMX450M2DE ILLINOISCAPACITOR-187LMX450M2DE Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
187LMX450M2DE ILLINOISCAPACITOR-187LMX450M2DE Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 187LMX450M2DE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com