Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX917ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX917ESA
Description  SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX917ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX917ESA Datasheet HTML 5Page - Maxim Integrated Products MAX917ESA Datasheet HTML 6Page - Maxim Integrated Products MAX917ESA Datasheet HTML 7Page - Maxim Integrated Products MAX917ESA Datasheet HTML 8Page - Maxim Integrated Products MAX917ESA Datasheet HTML 9Page - Maxim Integrated Products MAX917ESA Datasheet HTML 10Page - Maxim Integrated Products MAX917ESA Datasheet HTML 11Page - Maxim Integrated Products MAX917ESA Datasheet HTML 12Page - Maxim Integrated Products MAX917ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SOT23, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
9
Pin Description
Functional Diagrams
MAX917
MAX918
IN+
OUT
VCC
VEE
REF
REF
1.245V
MAX919
MAX920
IN+
OUT
VCC
VEE
IN-
MAX917/MAX918
SO
PIN
SOT23-5
MAX919/MAX920
SOT23-5
SO
N.C.
VCC
VEE
IN-
REF
IN+
OUT
1, 5, 8
7
4
2
3
6
5
2
4
3
1
1, 5, 8
No Connection. Not internally connected.
5
7
Positive Supply Voltage
2
4
Negative Supply Voltage
Comparator Inverting Input
4
2
1.245V Reference Output and Comparator Inverting Input
3
3
Comparator Noninverting Input
1
6
Comparator Output
NAME
FUNCTION
Detailed Description
The MAX917/MAX918 feature an on-board 1.245V
±1.5% reference, yet draw an ultra-low supply current
of 750nA. The MAX919/MAX920 (without reference)
consume just 380nA of supply current. All four devices
are guaranteed to operate down to +1.8V. Their com-
mon-mode input voltage range extends 200mV
beyond-the-rails. Internal hysteresis ensures clean out-
put switching, even with slow-moving input signals.
Large internal output drivers allow rail-to-rail output
swing with up to ±8mA loads.
The output stage employs a unique design that mini-
mizes supply-current surges while switching, virtually
eliminating the supply glitches typical of many other
comparators. The MAX917/MAX919 have a push-pull
output stage that sinks as well as sources current. The
MAX918/MAX920 have an open-drain output stage that
can be pulled beyond VCC to an absolute maximum of
6V above VEE. These open-drain versions are ideal for
implementing wire-ORed output logic functions.
Input Stage Circuitry
The input common-mode voltage range extends from
VEE - 0.2V to VCC + 0.2V. These comparators operate
at any differential input voltage within these limits. Input
bias current is typically ±0.15nA if the input voltage is
between the supply rails. Comparator inputs are pro-
tected from overvoltage by internal ESD protection
diodes connected to the supply rails. As the input volt-
age exceeds the supply rails, these ESD protection
diodes become forward biased and begin to conduct.


Similar Part No. - MAX917ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917ESA MAXIM-MAX917ESA Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
More results

Similar Description - MAX917ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com