Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX975 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX975
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX975_07 Datasheet HTML 7Page - Maxim Integrated Products MAX975_07 Datasheet HTML 8Page - Maxim Integrated Products MAX975_07 Datasheet HTML 9Page - Maxim Integrated Products MAX975_07 Datasheet HTML 10Page - Maxim Integrated Products MAX975_07 Datasheet HTML 11Page - Maxim Integrated Products MAX975_07 Datasheet HTML 12Page - Maxim Integrated Products MAX975_07 Datasheet HTML 13Page - Maxim Integrated Products MAX975_07 Datasheet HTML 14Page - Maxim Integrated Products MAX975_07 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
_______________Detailed Description
The MAX975/MAX977 single/dual comparators have
three operating modes, and use a +2.7V to +5.25V
single supply. The operating modes are as follows:
high speed, high speed with auto-standby, and low
power. Propagation delay is typically 28ns in high-
speed mode, while typical supply current is 250µA. In
low-power mode, propagation delay is typically 480ns
and power consumption is only 3µA. The auto-standby
feature switches into low-power standby for each
comparator with unchanging outputs in high-speed
mode. The timeout period, or the time that OUT_
must be idle (unchanged state) for the MAX975/
MAX977 to enter auto-standby, is adjustable by means
of an external capacitor. All inputs and outputs can tol-
erate a continuous short-circuit fault condition to either
rail. Internal hysteresis in high-speed mode ensures
clean output switching, even with slow-moving input
signals.
The MAX975 functional diagram shows two paralleled
comparators, a timing circuit, a transition detector, and
logic gates. The upper comparator is high speed, while
the lower comparator is a slower low-power compara-
tor. The dual MAX977 features independent timeout
adjustment. The following sections discuss the details
of operation.
Hysteresis (High-Speed Mode Only)
Most high-speed comparators can oscillate in the linear
operating region because of noise or undesired para-
sitic feedback. This tends to occur when the voltage on
one input is equal to or very close to the voltage on the
other input. The MAX975/MAX977 have internal hys-
teresis to counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points:
one for the rising input voltage and one for the falling
input voltage (Figure 1). The difference between the trip
points is the hysteresis. When the comparators’ input
voltages are equal, the hysteresis effectively causes
one comparator input voltage to move quickly past the
other, taking the input out of the region where oscilla-
tion occurs.
Figure 1 illustrates the case where IN- has a fixed volt-
age applied and IN+ is varied. If the inputs were
reversed, the figure would be the same, except with an
inverted output.
Auto-Standby Mode
The MAX975/MAX977’s auto-standby function operates
only in high-speed mode. The device enters auto-
standby when OUT_ remains unchanged for a prepro-
grammed timeout period. In auto-standby mode, the
low-power comparator is enabled while the high-speed
comparator is disabled and STAT_ goes high. The logic
state and sink/source capabilities of OUT_ remain
unchanged, but propagation delay increases to 480ns.
In this mode, the timing circuitry is powered down, and
the transition detector monitors the low-power com-
parator for a transition. When an output transition
occurs (OUT_ changes state), the timing circuitry is
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
______________________________________________________________________________________
11
INPUTS
LP
STO_
IDLE TIME
MODE
STAT
OUTPUT
L
tASB = CSTO x 10µs/pF
<tASB
High speed
(Auto-standby enabled)
L
L
tASB = CSTO x 10µs/pF
≥tASB
Auto-standby
H
(falling edge)
L
X
High speed
(Auto-standby mode disabled)
L
H
X
X
Low power
H
Table 1. Programming
VOL
VOH
VIN- = 0
VOS =
VTRIP+ + VTRIP-
2
COMPARATOR
OUTPUT
VTRIP+
VIN+
VHYST
VTRIP-
Figure 1. Input and Output Waveforms, Noninverting Input
Varied


Similar Part No. - MAX975_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975-MAX977 MAXIM-MAX975-MAX977 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750AETI MAXIM-MAX9750AETI Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750AEUI MAXIM-MAX9750AEUI Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
More results

Similar Description - MAX975_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com