Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

277LMB400M2DE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 277LMB400M2DE
Description  105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

277LMB400M2DE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  277LMB400M2DE Datasheet HTML 1Page - Illinois Capacitor, Inc. 277LMB400M2DE Datasheet HTML 2Page - Illinois Capacitor, Inc. 277LMB400M2DE Datasheet HTML 3Page - Illinois Capacitor, Inc. 277LMB400M2DE Datasheet HTML 4Page - Illinois Capacitor, Inc. 277LMB400M2DE Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
LMB
+105°C 3000 hour Snap mount
Aluminum Electrolytic Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
High ripple current
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
16
25
35
50
63
100
160
200
250
350
400
450
Surge
voltage
SVDC
20
32
44
63
79
125
200
250
300
400
450
500
WVDC
16
25
35
50
50
63
63
100
100
160 to 450
Capacitance
all
all
all
<6800
>6800
<6800
>6800
all
all
all
Dissipatio
n Factor
Tan
δ
.5
.4
.35
.3
.25
.25
.35
.2
.25
.15
5 Minutes
Leakage current
.02CV or 2000uA,Whichever is greater
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
-25°C to +20°C
6
6
6
4
3
3
3
4
4
4
6
6
6
Low
temperature
stability
Impedance
ratio
(120 Hz)
-40°C to +20°C
15
15
10
6
6
6
6
-
-
-
-
-
-
3000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Load Life
Leakage current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Shelf Life
Leakage current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
WVDC
50
120
300
1k
10k
50k
+105
+85
+70
+60
+40
< 100V
.8
1.0
1.1
1.2
1.2
1.2
1
1.7
2
2.2
2.4
Ripple Current Multipliers
> 160V
.8
1.0
1.1
1.3
1.4
1.4
1
1.7
2
2.2
2.4


Similar Part No. - 277LMB400M2DE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
277LMB400M2DE ILLINOISCAPACITOR-277LMB400M2DE Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
277LMB400M2DE ILLINOISCAPACITOR-277LMB400M2DE Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
277LMB400M2DE ILLINOISCAPACITOR-277LMB400M2DE Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 277LMB400M2DE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com