Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LINUXEZSDK-SITARA Datasheet(PDF) 6 Page - Texas Instruments

Part # LINUXEZSDK-SITARA
Description  TI embedded processors based on ARM technology
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LINUXEZSDK-SITARA Datasheet(HTML) 6 Page - Texas Instruments

Back Button LINUXEZSDK-SITARA Datasheet HTML 2Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 3Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 4Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 5Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 6Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 7Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 8Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 9Page - Texas Instruments LINUXEZSDK-SITARA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Why Hercules microcontrollers?
Hercules dual-CPU lockstep MCU block diagram
Hercules safety microcontrollers
are based on TI’s 20+ years of
safety-critical system expertise,
industry collaboration and proven
hardware for the automotive mar-
ket. The platform consists of three
ARM Cortex™-based microcon-
troller families (RM48x, TMS570
and TMS470M) that deliver scal-
able performance, connectivity,
memory and safety features.
Unlike many microcontrollers that
rely heavily on software for safety
capabilities, Hercules microcon-
trollers implement safety in hard-
ware to maximize performance
and reduce software overhead.
The Hercules RM4x family pro-
vides the highest level of perfor-
mance for broad safety applica-
tions, including medical and indus-
trial, and are developed to the
IEC 61508 SIL-3 safety standard.
The Hercules TMS570 family provides high performance for transportation
applications and is very well suited for applications that need to meet IEC
61508 SIL-3 or ISO 26262 requirements. The Hercules TMS470M family
cost efficiently meets the needs of applications that require less
performance and lower safety levels.
The RM48x and TMS570 dual-CPU lockstep architectures simplify develop-
ment while eliminating redundant system requirements to reduce cost. CPU
hardware built-in self test (BIST) detects latent defects without complex safe-
ty software and code-size overhead. Hardware comparison of CPU outputs
provides nearly instant safety response time without any additional perfor-
mance impact. ECC logic is integrated in the CPU to protect both memories
and busses. All RAM memories can be tested using hardware BIST for high
diagnostic coverage and an integrated Memory Protection Unit (MPU) helps
protect against deterministic errors in application software.
(
www.ti.com/hercules)
Key features
RM48x Safety MCUs
• ARM Cortex-R4F core with floating-point support
• Up to 220 MHz
• Lockstep safety features built-in simplify SIL-3 applications
• Up to 3-MB Flash/256-KB RAM with ECC
• Memory protection units in CPU and DMA
• Ethernet, USB, CAN
• External memory interface
TMS570LS Safety MCUs
• ARM Cortex-R4F core floating-point support
• Up to 180 MHz
• Lockstep safety features built-in simplify SIL-3/ASIL D applications
• Up to 3-MB Flash/256-KB RAM with ECC
• Memory protection units in CPU and DMA
• Flexible timer module with up to 44 channels
• Ethernet, FlexRay™, CAN, LIN, SPI
• External memory interface
TMS470M Safety MCUs
• 80-MHz ARM Cortex-M3 CPU
• Up to 640-KB Flash / 64-KB RAM with ECC protection and
EEPROM emulation
• Single 3.3-V supply (Vreg on-chip)
• Flexible timer module (16 ch)
• 2 CAN, 2 MibSPIs, 2 LIN/UART
• Safety features (ECC, BISTs, CRC)
• Pin- and software-compatible family
• Embedded debug module
HerculesARM® safety microcontrollers
6
www.ti.com/hercules


Similar Part No. - LINUXEZSDK-SITARA

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
LIN ZFSWITCHES-LIN Datasheet
405Kb / 2P
   Thin, programmable, non-contact magnetic position sensors with dual outputs available
LIN-11HAW1 ZFSWITCHES-LIN-11HAW1 Datasheet
405Kb / 2P
   Thin, programmable, non-contact magnetic position sensors with dual outputs available
LIN-21HAW1 ZFSWITCHES-LIN-21HAW1 Datasheet
405Kb / 2P
   Thin, programmable, non-contact magnetic position sensors with dual outputs available
logo
Gilway Technical Lamp
LINEAR470OSLM01AB GILWAY-LINEAR470OSLM01AB Datasheet
325Kb / 4P
   Product Information Bulletin LINEARlight LED Modules
LINEARCOLORMIX-OS-LM01M-R GILWAY-LINEARCOLORMIX-OS-LM01M-R Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
More results

Similar Description - LINUXEZSDK-SITARA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
   ARM-based Embedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
   ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
   ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
   ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
   AT91SAM ARM-based Embedded MPU
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
   AT91SAM ARM-based Embedded MPU
SAM9X35 ATMEL-SAM9X35 Datasheet
5Mb / 1375P
   SMART ARM-based Embedded MPU
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
   AT91SAM ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
   AT91SAM ARM-based Embedded MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com