Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5610IDWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5610IDWRG4
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5610IDWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5610IDWRG4 Datasheet HTML 1Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 2Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 3Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 4Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 5Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 6Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 7Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 8Page - Texas Instruments TLV5610IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TLV5608
TLV5610
TLV5629
www.ti.com.................................................................................................................................................... SLAS268G – MAY 2000 – REVISED NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Supply voltage (AVDD, DVDD to GND)
7 V
Reference input voltage
- 0.3 V to AVDD + 0.3 V
Digital input voltage range
- 0.3 V to DVDD + 0.3 V
Operating free-air temperature range, TA
-40°C to 85°C
Storage temperature range, Tstg
-65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
5-V operation
4.5
5
5.5
V
3-V operation
2.7
3
3.3
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
Low-level digital input voltage, VIL
V
DVDD = 5.5 V
1
Reference voltage, Vref
AVDD = 5 V
GND
4.096
AVDD
V
AVDD = 3 V
GND
2.048
AVDD
V
Load resistance, RL
2
k
Load capacitance, CL
100
pF
Clock frequency, fCLK
30
MHz
Operating free-air temperature, TA
-40
85
°C
over recommended operating free-air temperature range, supply voltages, and reference voltages (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Fast
16
21
No load, Vref = 4.096 V, See
(1)
IDD
Power supply current
mA
All inputs = DVDD or GND
Slow
6
8
Power down supply current
0.1
µA
POR
Power on threshold
2
V
PSRR
Power supply rejection ratio
Full scale, See (2)
-60
dB
(1)
IDD is measured while continuously writing code 2048 to the DAC. For VIH < DVDD - 0.7 V and VIL > 0.7 V, supply current increases.
(2)
Power supply rejection ratio at full scale is measured by varying AVDD and is given by:
PSRR = 20 log [(EG(AVDDmax) - EG(AVDDmin))/VDDmax]
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV5608 TLV5610 TLV5629


Similar Part No. - TLV5610IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IDW TI-TLV5610IDW Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5610IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5608 TI-TLV5608_15 Datasheet
865Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
logo
Analog Devices
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
logo
Texas Instruments
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWR TI-TLV5631IPWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
logo
Analog Devices
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com