Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157LBB450M2DD Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 157LBB450M2DD
Description  85C snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157LBB450M2DD Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  157LBB450M2DD Datasheet HTML 1Page - Illinois Capacitor, Inc. 157LBB450M2DD Datasheet HTML 2Page - Illinois Capacitor, Inc. 157LBB450M2DD Datasheet HTML 3Page - Illinois Capacitor, Inc. 157LBB450M2DD Datasheet HTML 4Page - Illinois Capacitor, Inc. 157LBB450M2DD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LBB
+85°C, Reduced Size, Long
Life, 3000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
10000
50
109LBB050M2DE
33.16
3.35
30x35
10000
50
109LBB050M2ED
33.16
3.64
35x30
10000
63
109LBB063M2DG
24.87
3.72
30x45
10000
63
109LBB063M2EF
24.87
5.47
35x40
10000
63
109LBB063M4FF
0.0498
6.6
40x40
10000
100
109LBB100M4FK
0.0332
8
40x70
10000
100
109LBB100M4HJ
0.0332
8.82
50x65
12000
35
129LBB035M4FF
0.0553
7.15
40x40
12000
80
129LBB080M4FZ
0.0346
7.5
40x60
12000
100
129LBB100M4FR
0.0276
8.65
40x85
15000
16
159LBB016M2DC
55.26
3.66
30x25
15000
16
159LBB016M2BE
55.26
3.29
22x35
15000
16
159LBB016M2CD
55.26
3.46
25x30
15000
25
159LBB025M2DD
33.16
4
30x30
15000
25
159LBB025M2CE
33.16
3.45
25x35
15000
25
159LBB025M2BG
33.16
3.7
22x45
15000
25
159LBB025M2EC
33.16
3.95
35x25
15000
35
159LBB035M2DE
27.63
3.67
30x35
15000
35
159LBB035M2CH
27.63
4.54
25x50
15000
35
159LBB035M2ED
27.63
3.98
35x30
15000
35
159LBB035M2DF
27.63
5.07
30x40
15000
50
159LBB050M2EF
22.1
4.83
35x40
15000
50
159LBB050M2DH
22.1
4.61
30x50
15000
63
159LBB063M2EH
16.58
5.3
35x50
15000
80
159LBB080M4FQ
0.031
8.5
40x75
15000
100
159LBB100M4FV
0.0221
10.07
50x90
18000
35
189LBB035M4FJ
0.0369
9.25
40x65
18000
50
189LBB050M4FF
0.0323
6.94
40x40
18000
80
189LBB080M4FR
0.023
10.3
40x85
18000
80
189LBB080M4HR
0.023
10
50x80
18000
100
189LBB100M4HV
0.0184
11
50x105
22000
16
229LBB016M2EC
37.68
4.15
35x25
22000
16
229LBB016M2CF
37.68
4.26
25x40
22000
16
229LBB016M2DD
37.68
4.21
30x30
22000
16
229LBB016M2BH
37.68
4.37
22x50
22000
25
229LBB025M2CG
22.61
4.48
25x45
22000
25
229LBB025M2ED
22.61
4.61
35x30
22000
25
229LBB025M2DE
22.61
4.52
30x35
22000
35
229LBB035M2DG
18.84
4.94
30x45
22000
35
229LBB035M2EF
18.84
5.41
35x40
22000
80
229LBB080M4HW 0.0188
11.08
50x95
22000
100 229LBB100M4HLD 0.0151
11.76
50x130
33000
16
339LBB016M2ED
25.12
5.15
35x30
33000
16
339LBB016M2DF
25.12
5.36
30x40
33000
25
339LBB025M2EF
15.07
6.33
35x40
33000
25
339LBB025M2DH
15.07
6.15
30x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
33000
25
339LBB025M4FF
0.0226
7.3
40x40
33000
35
339LBB035M4FV
0.0201
11.76
40x105
33000
35
339LBB035M4HR
0.0201
11.57
50x80
33000
35
339LBB035M2EH
12.56
7.27
35x50
33000
50
339LBB050M4FJ
0.0176
9.1
40x65
33000
50
339LBB050M4HZ
0.0176
10.48
50x60
33000
80
339LBB080M4LD
0.0126
13.37
50x130
39000
25
399LBB025M4FF
0.0191
8
40x40
39000
35
399LBB035M4FP
0.017
8
40x55
39000
80
399LBB080M4LH
0.0106
14.34
50x150
47000
16
479LBB016M2EF
17.64
6.76
35x40
47000
16
479LBB016M2DH
17.64
6.79
30x50
47000
35
479LBB035M4FJ
0.0071
9.6
40x65
47000
35
479LBB035M4HS
0.0071
12.78
50x110
47000
50
479LBB050M4HR
0.0071
11.54
50x80
51000
35
519LBB035M4HU
0.0065
13.34
50x115
56000
16
569LBB016M4FF
0.0074
9
40x40
56000
25
569LBB025M4FJ
0.0074
9.5
40x65
56000
35
569LBB035M4FR
0.0074
10.3
40x80
56000
35
569LBB035M4HK
0.0074
10.94
50x70
56000
35
569LBB035M4HLD 0.0074
13.93
50x130
56000
50
569LBB050M4FV
0.0074
11.47
40x105
56000
50
569LBB050M4HW 0.0074
12.46
50x95
68000
25
689LBB025M4FJ
0.0085
10.25
40x65
68000
35
689LBB035M4HR
0.0085
11.93
50x80
68000
50
689LBB050M4HS
0.0085
13.17
50x110
82000
16
829LBB016M4FH
0.0101
10.3
40x50
82000
25
829LBB025M4HK
0.0101
12.29
50x70
82000
35
829LBB035M4HW 0.0101
13.06
50x95
82000
35
829LBB035M4FV
0.0101
12.02
40x105
82000
50
829LBB050M4HLD 0.0101
13.87
50x130
100000
16
104LBB016M4FJ
0.0083
11.4
40x65
100000
25
104LBB025M4FR
0.0075
12
40x85
100000
25
104LBB025M4HR
0.0075
13.45
50x80
100000
35
104LBB035M4HS
0.0066
13.97
50x110
120000
16
124LBB016M4FR
0.012
12.4
40x80
120000
16
124LBB016M4HJ
0.012
13.17
50x65
120000
25
124LBB025M4HN
0.012
15.29
50x90
120000
35
124LBB035M4HLD
0.012
14.86
50x130
150000
25
154LBB025M4FLA 0.0129
14.07
40x120
150000
25
154LBB025M4HS
0.0129
16.01
50x110
180000
16
184LBB016M4FV
0.0135
14.85
40x105
180000
16
184LBB016M4HR
0.0135
15.69
50x85
180000
16
184LBB016M4HQ 0.0135
14.4
50x75
180000
25
184LBB025M4HLD 0.0135
16.89
50x130
220000
16
224LBB016M4HV
0.0141
16.73
50x105


Similar Part No. - 157LBB450M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157LBB450M2DD ILLINOISCAPACITOR-157LBB450M2DD Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
157LBB450M2DD ILLINOISCAPACITOR-157LBB450M2DD Datasheet
348Kb / 5P
   Extended Life, 3000 hours
157LBB450M2DD ILLINOISCAPACITOR-157LBB450M2DD Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2DD ILLINOISCAPACITOR-157LBB450M2DD Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2DD ILLINOISCAPACITOR-157LBB450M2DD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 157LBB450M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com