Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476KFM400MRV Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476KFM400MRV
Description  Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476KFM400MRV Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476KFM400MRV Datasheet HTML 1Page - Illinois Capacitor, Inc. 476KFM400MRV Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
6.8
400
685KFM400M
58.513
220
10x16
6.8
450
685KFM450M
58.513
150
10x20
10
200
106KFM200M
24.868
250
10x16
10
400
106KFM400M
39.789
280
10x20
10
450
106KFM450M
37.789
320
12.5x20
22
200
226KFM200M
11.304
500
10x20
22
250
226KFM250M
11.304
600
12.5x20
22
350
226KFM350M
18.086
350
12.5x20
22
400
226KFM400MQU
18.086
430
16x20
22
400
226KFM400M
18.086
430
12.5x25
22
450
226KFM450M
18.086
560
16x25
22
450
226KFM450MRU
18.086
560
18x20
33
160
336KFM160M
7.5357
500
10x20
33
250
336KFM250M
7.5357
600
12.5x20
33
350
336KFM350M
12.057
500
16x20
33
400
336KFM400M
12.057
640
16x25
33
400
336KFM400MRU
12.057
640
18x20
33
450
336KFM450M
12.057
700
16x31.5
33
450
336KFM450MRV
12.057
700
18x25
47
200
476KFM200M
5.2911
660
12.5x20
47
250
476KFM250MQU
5.2911
720
16x20
47
250
476KFM250M
5.2911
720
12.5x25
47
350
476KFM350MRU
8.4657
660
18x20
47
350
476KFM350M
8.4657
660
16x25
47
400
476KFM400M
8.4657
840
16x31.5
47
400
476KFM400MRV
8.4657
840
18x25
47
450
476KFM450M
8.4657
880
18x31.5
68
200
686KFM200M
3.657
760
12.5x25
68
200
686KFM200MQU
3.657
760
16x20
68
250
686KFM250M
3.657
920
16x25
68
250
686KFM250MRU
3.657
920
18x20
68
350
686KFM350M
5.861
850
16x31.5
68
350
686KFM350MRV
5.861
850
18x25
68
400
686KFM400M
5.861
1000
18x31.5
68
450
686KFM450M
5.861
1150
18x35.5
100
200
107KFM200M
2.487
1120
16x25
100
200
107KFM200MRU
2.487
1120
18x20
100
250
107KFM250MRV
2.487
1200
18x25
100
250
107KFM250M
2.487
1200
16x31.5
150
200
157KFM200M
1.658
1360
16x31.5
150
200
157KFM200MRV
1.658
1360
18x25
150
250
157KFM250M
1.658
1500
18x31.5
220
160
227KFM160M
1.13
1400
16x31.5
220
160
227KFM160MRV
1.13
1400
18x25
220
200
227KFM200M
1.13
1700
18x31.5


Similar Part No. - 476KFM400MRV

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476KFM400MRV ILLINOISCAPACITOR-476KFM400MRV Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
476KFM400MRV ILLINOISCAPACITOR-476KFM400MRV Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
476KFM400MRV ILLINOISCAPACITOR-476KFM400MRV Datasheet
108Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 476KFM400MRV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com