Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78601 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS78601
Description  Power Management Solutions for Xilinx and Altera FPGAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78601 Datasheet(HTML) 4 Page - Texas Instruments

  TPS78601 Datasheet HTML 1Page - Texas Instruments TPS78601 Datasheet HTML 2Page - Texas Instruments TPS78601 Datasheet HTML 3Page - Texas Instruments TPS78601 Datasheet HTML 4Page - Texas Instruments TPS78601 Datasheet HTML 5Page - Texas Instruments TPS78601 Datasheet HTML 6Page - Texas Instruments TPS78601 Datasheet HTML 7Page - Texas Instruments TPS78601 Datasheet HTML 8Page - Texas Instruments TPS78601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Power Management for FPGAs Sine On
Texas Instruments 2Q 2007
4.5-V to 52-V Input, Low-Pin Count
Buck Controller
TPS40200
Get samples, datasheets, app reports and evaluation modules at:
www.ti.com/sc/device/TPS40200
Key Features
• 4.5-V to 52-V operation
• Voltage mode control with feed-forward compensation
• 700-mV voltage reference: 1% accuracy
• Internal under-voltage lockout
• Programmable frequency: 35 kHz to 500 kHz
• Programmable overcurrent protection
• Frequency synchronization
• Closed loop soft-start
• Integrated driver
Benefits
• Wide-input range for use in many applications
• Voltage feed forward – great line regulation, fast transient
response
• Programmable features allows flexible design; frequency,
overcurrent protection, under-voltage lockout
• Soft-start provides smooth, well controlled power up
• Simple configuration — minimal external components
Applications
• Altera Cyclone II, Stratix II, Stratix II GX, Stratix III
• Xilinx Spartan-3 family, Virtex-5
• Core and IO power supplies
DA T A
SHEETS
EVALUATION
MODULE
APP
REPORT
O D U C
A
M P L E
Step-Down Controllers
4.5-V to 15-V Input, Synchronous
Buck DC/DC Controller
TPS40190
Get samples, datasheets, app reports, evaluation modules and
software tools at:
www.ti.com/sc/device/TPS40190
Key Features
• Input operating voltage range: 4.5 V to 15 V
• Output voltage down to 0.591 V with +1% reference accuracy
• Synchronous rectification for high efficiency
• Three selectable short-circuit thresholds
• Hiccup recovery from short-circuit condition
• Integrated bootstrap drivers for N-Channel MOSFET
• Internal soft-start
Benefits
• High-performance, low-cost solution
• Allows for a single-input power solution, no separate power
supply needed to power the controller
• Provides power supply flexibility without adding circuit
complexity
DA T A
SHEETS
EVALUATION
MODULE
APP
REPORT
O D U C
A
M P L E
• Fewer external components, simplifies design
• Minimized switching losses improves efficiency
• Up to 25-A power supply possible with the TPS40190
• Minimizes power dissipation in fault condition, automatically restarts
when fault is removed
Applications
• Altera Cyclone II, Stratix II, Stratix II GX, Stratix III
• Xilinx Spartan-3 family, Virtex-5
• Core and IO power supplies
TPS40190
V
DD
V
OUT
Shutdown
ENABLE
FB
COMP
VDD
GND
HDRV
SW
BOOT
LDRV
BP5
10
9
8
7
6
1
2
3
4
5
TPS40200
RC
SS/SD
COMP
FB
VIN
ISNS
GDRV
GND
1
2
3
4
8
7
6
5
R
SENSE
V
IN
V
OUT


Similar Part No. - TPS78601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI-TPS78601DCQ Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI-TPS78601DCQ Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI1-TPS78601DCQ Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601DCQ TI1-TPS78601DCQ Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS75003-EP TI1-TPS75003-EP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003MRHLREP TI-TPS75003MRHLREP Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003 TI-TPS75003 Datasheet
604Kb / 24P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS75003RHLT TI-TPS75003RHLT Datasheet
1,000Kb / 31P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
[Old version datasheet]   TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com