Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV942 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MV942
Description  SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV942 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MV942 Datasheet HTML 1Page - Fairchild Semiconductor MV942 Datasheet HTML 2Page - Fairchild Semiconductor MV942 Datasheet HTML 3Page - Fairchild Semiconductor MV942 Datasheet HTML 4Page - Fairchild Semiconductor MV942 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
5 of 5
SOLID STATE LED LAMPS
LCD BACKLIGHT ILLUMINATOR
7/31/00
30008
7A


Similar Part No. - MV942

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV9100 FAIRCHILD-MV9100 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9101 FAIRCHILD-MV9101 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9102 FAIRCHILD-MV9102 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
logo
Zarlink Semiconductor I...
MV95308 ZARLINK-MV95308 Datasheet
286Kb / 9P
   30MHz 8-BIT CMOS VIDEO DAC
MV95308ADG ZARLINK-MV95308ADG Datasheet
286Kb / 9P
   30MHz 8-BIT CMOS VIDEO DAC
More results

Similar Description - MV942

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4302T ETC1-4302T Datasheet
44Kb / 1P
   SOLID STATE LED LAMPS
logo
Chicago Miniature Lamp,...
4300FLC CML-4300FLC Datasheet
64Kb / 1P
   T-1 Solid State LED Lamps
logo
Visual Communications C...
4300FLC VCC-4300FLC Datasheet
86Kb / 1P
   T-1 Solid State LED Lamps
logo
Kingbright Corporation
L174 KINGBRIGHT-L174 Datasheet
165Kb / 5P
   3.2mm ROUND SOLID STATE LED LAMPS
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
   SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
   SOLID STATE LAMPS
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Kingbright Corporation
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com