Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW12068872F Datasheet(PDF) 4 Page - Texas Instruments

Part # CRCW12068872F
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CRCW12068872F Datasheet(HTML) 4 Page - Texas Instruments

  CRCW12068872F Datasheet HTML 1Page - Texas Instruments CRCW12068872F Datasheet HTML 2Page - Texas Instruments CRCW12068872F Datasheet HTML 3Page - Texas Instruments CRCW12068872F Datasheet HTML 4Page - Texas Instruments CRCW12068872F Datasheet HTML 5Page - Texas Instruments CRCW12068872F Datasheet HTML 6Page - Texas Instruments CRCW12068872F Datasheet HTML 7Page - Texas Instruments CRCW12068872F Datasheet HTML 8Page - Texas Instruments CRCW12068872F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM2727, LM2737
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
VCC = 5V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ=+25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are ensured by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain
5
MHz
Bandwidth
G
Error Amplifier DC Gain
60
dB
SR
Error Amplifier Slew Rate
6
V/µA
IFB
FB Pin Bias Current
FB = 0.55V
0
15
100
nA
FB = 0.65V
0
30
155
IEAO
EAO Pin Current Sourcing and
VEAO = 2.5, FB = 0.55V
2.8
mA
Sinking
VEAO = 2.5, FB = 0.65V
0.8
VEA
Error Amplifier Maximum Swing
Minimum
1.2
V
Maximum
3.2
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
BOOTV = 12V, EN = 0
0°C to +125°C
95
160
µA
-40°C to +125°C
95
215
RDS1
Top FET Driver Pull-Up ON
BOOT-SW = 5V@350mA
3
resistance
RDS2
Top FET Driver Pull-Down ON
BOOT-SW = 5V@350mA
2
resistance
RDS3
Bottom FET Driver Pull-Up ON
BOOT-SW = 5V@350mA
3
resistance
RDS4
Bottom FET Driver Pull-Down ON
BOOT-SW = 5V@350mA
2
resistance
OSCILLATOR
RFADJ = 590kΩ
50
RFADJ = 88.7kΩ
300
RFADJ = 42.2kΩ, 0°C to +125°C
500
600
700
fOSC
PWM Frequency
kHz
RFADJ = 42.2kΩ, -40°C to +125°C
490
600
700
RFADJ = 17.4kΩ
1400
RFADJ = 11.3kΩ
2000
D
Max Duty Cycle
fPWM = 300kHz
90
%
fPWM = 600kHz
88
LOGIC INPUTS AND OUTPUTS
VSD-IH
SD Pin Logic High Trip Point
2.6
3.5
V
VSD-IL
SD Pin Logic Low Trip Point
0°C to +125°C
1.3
1.6
V
-40°C to +125°C
1.25
1.6
VPWGD-TH-LO
PWGD Pin Trip Points
FB Voltage Going Down
0°C to +125°C
0.413
0.430
0.446
V
-40°C to +125°C
0.410
0.430
0.446
VPWGD-TH-HI
PWGD Pin Trip Points
FB Voltage Going Up
0°C to +125°C
0.691
0.710
0.734
V
-40°C to +125°C
0.688
0.710
0.734
VPWGD-HYS
PWGD Hysteresis (LM2737 only)
FB Voltage Going Down FB Voltage
35
mV
Going Up
110
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2727 LM2737


Similar Part No. - CRCW12068872F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW12068200FKTA NXP-CRCW12068200FKTA Datasheet
181Kb / 9P
   Gallium Arsenide CATV Integrated Amplifier Module
Rev. 8, 3/2007
CRCW12068201FKEA NXP-CRCW12068201FKEA Datasheet
989Kb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 12/2008
logo
Vishay Siliconix
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKTA VISHAY-CRCW120682K5FKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKTB VISHAY-CRCW120682K5FKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW12068872F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com