Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC24610DRBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610DRBR
Description  GREEN Rectifier Controller Device
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24610DRBR Datasheet(HTML) 5 Page - Texas Instruments

  UCC24610DRBR Datasheet HTML 1Page - Texas Instruments UCC24610DRBR Datasheet HTML 2Page - Texas Instruments UCC24610DRBR Datasheet HTML 3Page - Texas Instruments UCC24610DRBR Datasheet HTML 4Page - Texas Instruments UCC24610DRBR Datasheet HTML 5Page - Texas Instruments UCC24610DRBR Datasheet HTML 6Page - Texas Instruments UCC24610DRBR Datasheet HTML 7Page - Texas Instruments UCC24610DRBR Datasheet HTML 8Page - Texas Instruments UCC24610DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UCC24610
www.ti.com
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 5 VDC, CGATE = 0 pF, RTON = 200 kΩ, REN/TOFF = 100 kΩ, −40°C < TJ = TA < 125°C, all voltages are with respect to
GND, and currents are positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at
TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Off-Time Setting
Minimum off-time, low
TOFFLR
REN/TOFF = 100 kΩ
4.94
7.80
9.86
resistance
Minimum off-time,
TOFFHR
REN/TOFF = 261 kΩ
0.55
1.37
2.30
high resistance
Minimum off-time, low
TOFFLV
EN/TOFF = 1.0 V
4.94
7.80
9.86
ms
voltage
Minimum off-time,
TOFFHV
EN/TOFF = 2.61 V
0.85
1.37
2.10
high voltage
Minimum off-time,
TOFFOV
3 V < VEN < VCC
0.48
0.65
0.82
over-voltage
Gate Driver
GATE pull-up
rGUP
IGATE = -100 mA
-
2.0
3.6
resistance, enabled
Ω
GATE pull-down
rGDN
IGATE = 100 mA
-
1.6
2.5
resistance, enabled
GATE output high
VOHG
IGATE = -100 mA
4.64
4.80
-
voltage
GATE output low
VOLG
IGATE = 100 mA
-
0.16
0.25
voltage
V
GATE output low
VOLGUV
IGATE = 25 mA, VCC = 0 V
-
0.70
0.90
voltage, UV
GATE output low
VOLGOFF
IGATE = 25 mA, VEN = 0 V
-
0.04
0.10
voltage, disabled
tfGATE
GATE rise time
From 1 V to 4 V, CGATE = 3300 pF
-
14
30
trGATE
GATE fall time
From 4 V to 1 V, CGATE = 3300 pF
-
9
25
ns
tDIS
Disable delay
From EN falling to GATE falling
50
100
150
Synchronization
SYNC falling
VCC -
VCC -
VCC -
VTHSYNC
GATE output transitions from High to Low.
V
threshold
2.4
2.0
1.6
SYNC propagation
tSDLY
From SYNC falling to GATE falling 10%.
-
20
60
ns
delay
SYNC pull-up
rSYNC
Internal resistance from SYNC to VCC.
1.6
2.0
2.4
k
Ω
resistance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DRBR TI-UCC24610DRBR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com