Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156PUM035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 156PUM035M
Description  85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

156PUM035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  156PUM035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 156PUM035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PUM
+85°C, 7mm Height, General
Purpose, 1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
4.7
50
475PUM050M
35.274
26
4x7
6.8
35
685PUM035M
29.256
24
4x7
6.8
50
685PUM050M
24.38
27
5x7
10
35
106PUM035M
19.894
31
4x7
10
50
106PUM050M
16.579
37
5x7
15
35
156PUM035M
13.263
39
5x7
15
50
156PUM050M
11.052
43
6.3x7
22
16
226PUM016M
12.057
44
4x7
22
35
226PUM035M
9.043
50
5x7
22
50
226PUM050M
7.536
59
6.3x7
22
50
226PUM050MD8
7.536
85
8x7
33
10
336PUM010M
10.048
49
4x7
33
25
336PUM025M
7.033
57
5x7
33
35
336PUM035M
6.029
67
6.3x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
33
50
336PUM050M
5.024
100
8x7
47
6.3
476PUM6R3M
8.466
46
4x7
47
16
476PUM016M
5.644
75
5x7
47
25
476PUM025M
4.938
74
6.3x7
47
35
476PUM035M
4.233
110
8x7
68
6.3
686PUM6R3M
5.851
58
5x7
68
16
686PUM016M
3.901
76
6.3x7
100
6.3
107PUM6R3M
3.979
76
5x7
100
16
107PUM016M
2.653
120
6.3x7
100
25
107PUM025M
2.321
150
8x7
150
6.3
157PUM6R3M
2.653
90
6.3x7
220
6.3
227PUM6R3M
1.809
115
6.3x7
220
16
227PUM016M
1.206
210
8x7
330
6.3
337PUM6R3M
1.206
210
8x7


Similar Part No. - 156PUM035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
156PUM035M ILLINOISCAPACITOR-156PUM035M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
156PUM035M ILLINOISCAPACITOR-156PUM035M Datasheet
201Kb / 2P
   7mm Height, General Purpose, 1000 hours
156PUM035M ILLINOISCAPACITOR-156PUM035M Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
156PUM035M ILLINOISCAPACITOR-156PUM035M Datasheet
132Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 156PUM035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PBM050M ILLINOISCAPACITOR-474PBM050M_13 Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_13 Datasheet
199Kb / 2P
   85C Low Profile, 5mm Height Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M_13 Datasheet
231Kb / 2P
   85C Low Leakage Height Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com