Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF240D25 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # PF240D25
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

PF240D25 Datasheet(HTML) 2 Page - Crydom Inc.,

  PF240D25 Datasheet HTML 1Page - Crydom Inc., PF240D25 Datasheet HTML 2Page - Crydom Inc., PF240D25 Datasheet HTML 3Page - Crydom Inc., PF240D25 Datasheet HTML 4Page - Crydom Inc., PF240D25 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
PF240D25
PF380D/480D
PFExxxD25
PF240A25
PFE240A25
Control Voltage Range
3-15 VDC
4-15 VDC
15-32 VDC
90-140 VAC
18-36 VAC
Maximum Turn On Voltage
3.0 VDC
4.0 VDC
15.0 VDC
90.0 Vrms
18.0 Vrms
Minimum Turn-Off Voltage
1.0 VDC
1.0 VDC
1.0 VDC
10.0 Vrms
2.0 Vrms
Typical Input Current @ Nominal Voltage
15 mAdc
15 mAdc
15 mAdc
10 mAdc
10 mAdc
Nominal Input Impedance
300 Ohm
240 Ohm
1500 Ohm
14.1 k Ohm
2.1 k Ohm
Maximum Turn-On Time [msec] (4)
1/2 Cycle
1/2 Cycle
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
40
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
10 9 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
Weight (typical)
0.85 oz. (25g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443,13.11.1
3) Heatsink temperature 85°C Maximum for 25A forced air cooling.
4) Turn-On Time for Random Turn-On versions 0.1 msec (DC Control Models)
WIRING DIAGRAM


Similar Part No. - PF240D25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PF240D25 ETC1-PF240D25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
logo
Crydom Inc.,
PF240D25 CRYDOM-PF240D25 Datasheet
523Kb / 4P
   SIP SSR SCR output for heavy industrial loads
PF240D25 CRYDOM-PF240D25 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
PF240D25 CRYDOM-PF240D25 Datasheet
592Kb / 5P
   PCB Mount
PF240D25R CRYDOM-PF240D25R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - PF240D25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com