Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC714V5YSZXF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC714V5YSZXF
Description  DIP 6 pin General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC714V5YSZXF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC714V5YSZXF Datasheet HTML 2Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 3Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 4Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 5Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 6Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 7Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 8Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 9Page - Sharp Corporation PC714V5YSZXF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A04102EN
Fig.5 Peak Forward Current vs. Duty Ratio
50˚C
25˚C
0˚C
0
0.5
1
1.5
2
2.5
3
3.5
Forward voltage VF (V)
−25˚C
Ta
=75˚C
10
100
1
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
0
30
0
100
125
40
50
60
20
10
-25
25
75
Ambient temperature Ta (˚C)
50 55
Fig.1 Forward Current vs. Ambient
Temperature
6
Fig.6 Forward Current vs. Forward Voltage
Duty ratio
0.01
0.1
1
10
1
10
3
10
2
10
1
Pulse width
≤100µs
Ta
=25˚C
0
0
125
100
200
50
150
25
50
75
100
Ambient temperature Ta (˚C)
−25
PC714VxNSZXF Series
Fig.2 Diode Power Dissipation vs. Ambient
Temperature
Fig.4 Total Power Dissipation vs. Ambient
Temperature
100
80
70
60
40
20
0
025
75
100
125
−25
Ambient temperature Ta (˚C)
55
50
Ambient temperature Ta (˚C)
50
0
025
50
75
100
125
−25
100
150
170
200
250


Similar Part No. - PC714V5YSZXF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC714V5 SHARP-PC714V5 Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
More results

Similar Description - PC714V5YSZXF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com