Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1LA183MSPQ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1LA183MSPQ
Description  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1LA183MSPQ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1LA183MSPQ Datasheet HTML 1Page - Sharp Corporation PQ1LA183MSPQ Datasheet HTML 2Page - Sharp Corporation PQ1LA183MSPQ Datasheet HTML 3Page - Sharp Corporation PQ1LA183MSPQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Output voltage
Load regulation
Line regulation
Ripple rejection
Unit
Quiescent current
Symbol
MIN.
TYP.
MAX.
Unit
Parameter
Conditions
Output noise voltage
Dropout voltage
PQ1LAxx3MSPQ Series
Refer to Fig.2
Refer to list.1
Fig.1 Standard measuring circuit of Regulator portion
Fig.2 Standard measuring circuit of critical rate of ripple rejection
±0.5
30
0.4
V
0.2
515
0.05
RR
2
mV
mV
dB
55
V
10
60
50
0.5
1.8
VO
VIN
2.5
15
V
VO<3V,IO=5 to 300mA
RegL
VO≥3V,IO=5 to 300mA
%
RegI
VO<3V,VIN=VO(TYP)+1V to VO(TYP)+6V
VO≧3V,VIN=VO(TYP)+1V to VO(TYP)+6V
%
TCVO
IO=10mA, Tj=0 to 100°C
%
Vno(rms)
10Hz<f<100kHz,Cn=0.1μF,IO=30mA
μV
VC(ON)
IC(ON)
VC(OFF)
*6 VIN(MIN)=2.5V(PQ1LA153MSPQ, PQ1LA183MSPQ)
VI-O
IO=300mA,*5,*6
0.4
0.7
V
――
VC=1.8V
μA
V
Iq
IO=0mA
5
800
μA
550
Iqs
VC=0.2V
μA
1
(Unless otherwise specified condition shall be VIN=VO(TYP.)+1.0V,IO=30mA,VC=1.8V,Ta=25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Input voltage
Temperature coefficient of output voltage
On-state voltage for control
On-state current for control
Off-voltage for control
Output off-state consumption current
*5 Input voltage when output voltage falls 0.1V from that at VIN=VO(TYP)+1.0V.
*7 In case that the control terminal (③ pin) is non-connection,output voltage should be OFF state.
A
4
2
3
5
1
A
V
1μF
0.01μF
1μF
Io
RL
Vo
VIN=VO(TYP.)+1.0V, IO=30mA,
VC=1.8V,Ta=25°C
PQ1LA153MSPQ
PQ1LA183MSPQ
PQ1LA253MSPQ
PQ1LA303MSPQ
VO
1.440
1.740
2.440
1.560
1.860
2.560
3.060
V
1.5
1.8
2.5
3.0
2.940
PQ1LA333MSPQ
PQ1LA503MSPQ
PQ1LA903MSPQ
3.234
4.900
3.366
5.100
9.180
3.3
5.0
9.0
8.820
Iq,Iqs
VIN
VC
A
IC(ON)
4
2
3
5
1
V
1μF
0.1μF
1μF
RL
eo
VIN
VC
~ 
ei
~ 
+
f=400Hz Sine wave
ei(rms)=100mV
VIN=VO(TYP.)+1.0V
VC=1.8V
IO=30mA
RR=20log {ei(rms)/Eo(rms)}
List.1 Output voltage Line-up
Sheet No.: OP06053
2
*4
*7
*4
*4 Typical value of 3.3V output model.


Similar Part No. - PQ1LA183MSPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ1LA183MSPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com