Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8805PEGTZ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8805PEGTZ
Description  600mA CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8805PEGTZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8805PEGTZ Datasheet HTML 1Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 2Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 3Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 4Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 5Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 6Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 7Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 8Page - Analog Microelectronics AME8805PEGTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AME
1
AME8805 / 8813
600mA CMOS LDO
Rev.R.12
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 600mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Space-Saving SOT-89, SOT-223, SOT-23
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
The AME8805/8813 family of positive, linear regulators
feature low quiescent current (30
µA typ.) with low drop-
out voltage, making them ideal for battery applications.
The space-saving SOT-89, SOT-223 and SOT-23 pack-
ages are attractive for "Pocket" and "Hand Held" applica-
tions.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
The AME8805/8813 is stable with an output capaci-
tance of 2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
n General Description
n Features
n Applications
l Green Products Meet RoHS Standards
2.2
µF
AME8805
AME8813
OUT
IN
C2
C1
1
µF
IN
GND
OUT
5V
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
OUT
IN
R1
R2
VREF = 1.215V


Similar Part No. - AME8805PEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805 AME-AME8805 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME88051EGT AME-AME88051EGT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME88052EFT AME-AME88052EFT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805AEFT AME-AME8805AEFT Datasheet
88Kb / 11P
   600mA CMOS LDO
More results

Similar Description - AME8805PEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com