Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8831BEEV300Y Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8831BEEV300Y
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8831BEEV300Y Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8831BEEV300Y Datasheet HTML 2Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 3Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 4Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 5Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 6Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 7Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 8Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 9Page - Analog Microelectronics AME8831BEEV300Y Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AME
6
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8831
Rev.H.05
n Electrical Specifications
Note1 : V
IN(min) = VOUT + V DROPOUT(max)
Note2 : Continuous output current and operating junction temperature are limited by internal protection circuitry,
but it is not recommended that the device operate under conditions beyond those specified in this table for
extended periods of time.
Over operating temperature range(T
J=-40
oC to +125oC), V
IN=VOUT(nom) + 1V, or VIN=VIN(Min) whichever is greater,
I
OUT=1mA, VEN=VIN(VENB=0), and COUT=4.7uF, CIN=1uF unless otherwise noted. Typical values are at TA=25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note1
5.5
V
-1.5
1.5
-3
3
-0.30
0.2
0.3
-0.40
0.4
-0.25
0.15
0.25
-0.35
0.35
-0.25
0.15
0.25
-0.35
0.35
-0.25
0.15
0.25
-0.35
0.35
-0.2
0.1
0.2
-0.3
0.3
Output Current
IOUT
150
mA
Output Current Limit
ILIM
200
350
750
mA
17
25
30
Load Regulation =
VOUT(nom)
Output Voltage Accuracy
REGLOAD 10µA<=IOUT<=150mA
Quiescent Current
IQ
TA=25
oC
µA
VOUT=0V
TA=25
oC
10
µA<I
OUT<150mA
10
µA<I
OUT<150mA
TJ = -40
oC to +125oC
VOUT=1.8,
2.5V<VIN<5.5V
Line Regulation
REGLINE
VOUT=3.0,
3.5V<VIN<5.5V
VOUT=2.85,
3.3V<VIN<5.5V
VOUT=3.3,
3.8V<VIN<5.5V
VOUT=2.5,
3V<VIN<5.5V
TA=25
oC
TJ= -40
oC to +125oC
TJ= -40
oC to +125oC
%/V
Test Condition
(See Note2)
TA=25
oC
TA=25
oC
TJ= -40
oC to +125oC
TA=25
oC
TJ= -40
oC to +125oC
TA=25
oC
%
TJ= -40
oC to +125oC
TA=25
oC
0.1
%/mA
-0.1 0.0025
TJ= -40
oC to +125oC
IN
OUT
OUT
V
V
V
%
*
)
(
%
*
mA
I
V
V
OUT
OUT


Similar Part No. - AME8831BEEV300Y

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8831BEEV330Y AKM-AME8831BEEV330Y Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831BEEV330Z AKM-AME8831BEEV330Z Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831BEEV300Y

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com