Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1111SQ-27NGED Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1111SQ-27NGED
Description  Square Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1111SQ-27NGED Datasheet(HTML) 1 Page - Coilcraft lnc.

  1111SQ-27NGED Datasheet HTML 1Page - Coilcraft lnc. 1111SQ-27NGED Datasheet HTML 2Page - Coilcraft lnc. 1111SQ-27NGED Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Square Air Core Inductors – 1111SQ
Document 990 -1
Document 990-1 Revised 3/25/13
Test
Inductance2
Percent
Q3
frequency
SRF min4
DCR (mOhm)
Irms5
Part number1
(nH)
tolerance
typ
(MHz)
(GHz)
typ
max
(A)
1111SQ-27N_E_
27
5,2
200
400
2.60
7.0
8.1
5.5
1111SQ-30N_E_
30
5,2
200
400
2.40
7.2
8.3
5.5
1111SQ-33N_E_
33
5,2
200
400
2.30
8.3
9.5
4.8
1111SQ-36N_E_
36
5,2
200
400
2.30
8.5
9.8
4.8
1111SQ-39N_E_
39
5,2
200
400
2.20
8.7
10.0
4.8
1111SQ-43N_E_
43
5,2
200
400
2.20
9.4
10.8
4.4
1111SQ-47N_E_
47
5,2
200
400
2.20
9.8
11.3
4.4
1. When ordering, specify
tolerance, termination and packaging codes:
1111SQ-47NJEC
Tolerance:
G = 2% J = 5%
(Table shows stock tolerances in bold.)
Termination: E = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order, added cost:
T = RoHS tin-silver-copper (95.5/4/0.5) over copper or S = non-RoHS tin-lead (63/37) over copper.
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (2500 parts per full reel). Factory order only, not stocked.
2. Inductance measured at specified test frequency, 0.1 Vrms, 0 A using an Agilent/HP 4286A LCR meter or equivalent with a Coilcraft CCF1191C test
fixture.
3. Q measured at specified test frequency, using an Agilent/HP 4291A impedance analyzer or equivalent.
4. SRF measured using an Agilent/HP 8753 network analyzer or equivalent with a Coilcraft CCF1143 test fixture.
5. Current that causes a 20°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations RoHS compliant tin-silver over copper
Environment RoHS compliant, halogen free
Weight 34 – 50 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +145°C with derated current
Storage temperature Component: –40°C to +145°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2500/13″ reel; Plastic tape: 12 mm wide,
0.35 mm thick, 8 mm pocket spacing, 3.05 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
• Excellent Q factors – 210 at 400 MHz!
• Inductance values from 27 to 47 nH
• Flat top and bottom for reliable pick and place and mechanical
stability


Similar Part No. - 1111SQ-27NGED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
More results

Similar Description - 1111SQ-27NGED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
   Square Air Core Inductors
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
   Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
   Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
   Square Air Core Inductors
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
   Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
SQAC0806 ALLIED-SQAC0806 Datasheet
713Kb / 1P
   SMD Square Air Core Inductors
SQAC2222 ALLIED-SQAC2222 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com