Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8821BEEV250Y Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8821BEEV250Y
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821BEEV250Y Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8821BEEV250Y Datasheet HTML 1Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 2Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 3Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 4Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 5Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 6Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 7Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 8Page - Analog Microelectronics AME8821BEEV250Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AME
1
AME8821
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
Rev.A.04
n Typical Application
l Guaranteed 250mA Output
l 17
µA Quiescent Current
l Over-Temperature Shutdown
l Over-Current Limitation
l Noise Reduction SR Capacitor
l Power-Saving Shutdown Mode
l Space-Saving SOT-25/TSOT-25 Packages
l Factory Pre-set Output Voltages
l Enable pin option
l ENB active low enable
l EN active high enable
l All AME's Lead Free Products Meet RoHS
Standards
The AME8821 family of positive, linear regulators fea-
ture low quiescent current (17
µA typ.) with low dropout
voltage, making them ideal for battery applications. The
space-saving SOT-25/TSOT-25 packages are attractive
for
“Pocket” and “Hand Held”applications.
These rugged devices have both Thermal Shutdown,
and Current Limitation to prevent device failure under the
“Worst” operating conditions. In application requires a
low noise regulated supply. The AME8821 family uses
the SR pin to program the output voltage
’s slew rate to
control the in-rush current. This is specifically used in
the USB application where large load capacitance is
present at start-up.
The AME8821 also features a logic-enabled sleep mode
to shutdown the regulator, reducing quiescent current to
1
µA typical at T
A= 25
oC.
The AME8821 is stable with an output capacitance of
4.7
µF or larger.
n General Description
n Features
n Applications
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
n Function Block Diagram
* AME8821A: ENB, AME8821B: EN
4.7
µF
+
1
µF
AME8821A
GND
OUT
IN
ENB
SR
0.01
µF
V
IN
1
µF
AME8821B
GND
OUT
IN
EN
SR
4.7
µF
+
0.01
µF
V
IN
AMP
Current Limit
/ Thermal
Protection
10K
GND
SR
V
IN
V
OUT
V
ref
R1
R2
* ENB or EN


Similar Part No. - AME8821BEEV250Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821BEEV250Y AME-AME8821BEEV250Y Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8821BEEV250Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com