Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8801GEEYZ Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8801GEEYZ
Description  300mA CMOS LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801GEEYZ Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8801GEEYZ Datasheet HTML 7Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 8Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 9Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 10Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 11Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 12Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 13Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 14Page - Analog Microelectronics AME8801GEEYZ Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AME
11
AME8801 / 8812 / 8840
300mA CMOS LDO
Rev.S.02
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOT-25
TSOT-25
Conductive Epoxy
81
SOT-26
TSOT-26
Non-Conductive
Epoxy
140
SOT-25
TSOT-25
Conductive Epoxy
260
SOT-26
TSOT-26
Non-Conductive
Epoxy
280
SOT-25
TSOT-25
Conductive Epoxy
400
SOT-26
TSOT-26
Non-Conductive
Epoxy
400
150
oC
350
oC
mW
θJA
PD
oC / W
Solder Iron (10Sec)**
Maximum Junction Temperature
Thermal Resistance *
(Junction to Case)
Thermal Resistance
(Junction to Ambient)
Internal Power Dissipation
θJC
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
Parameter
Maximum
Unit
Input Voltage
-0.3 to +8
V
EN, BYP Voltage
-0.3 to +8
V
Output Voltage
-0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*


Similar Part No. - AME8801GEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801GEEV AME-AME8801GEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
More results

Similar Description - AME8801GEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com