Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB914ATRHSJQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UB914ATRHSJQ1
Description  DS90UB913A-Q1/DS90UB914A-Q1 25 to100 MHz 10/12-Bit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90UB914ATRHSJQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90UB914ATRHSJQ1 Datasheet HTML 3Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 4Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 5Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 6Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 7Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 8Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 9Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 10Page - Texas Instruments DS90UB914ATRHSJQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
DS90UB913A-Q1, DS90UB914A-Q1
www.ti.com
SNLS443A – MAY 2013 – REVISED JUNE 2013
Table 2. Pin Descriptions (continued)
Pin Name
Pin No.
I/O, Type
Description
Inverting Differential input, bidirectional control channel. The IO must be AC coupled
Input/Output,
RIN1-
33
with a 0.1µF capacitor. For applications using single-ended coaxial interconnect,
CML
terminate to Ground with a 0.047µF capacitor.
RES
43,44
Reserved. This pin must always be tied low.
CMLOUTP/N
38,39
Route to test point or leave open if unused.
POWER AND GROUND
LVCMOS I/O Buffer Power, The single-ended outputs and control input are powered
VDDIO1/2/3
29, 20, 7
Power, Digital
from VDDIO. VDDIO can be connected to a 1.8V ±5% or 3.3V ±10%.
VDDD
17
Power, Digital
Digital Core Power, 1.8V ±5%.
VDDSSCG
3
Power, Analog
SSCG PLL Power, 1.8V ±5%.
VDDR
36
Power, Analog
Rx Analog Power, 1.8V ±5%.
VDDCML0/1
40,31
Power, Analog
CML and Bidirectional control channel Drive Power, 1.8V±5%.
VDDPLL
45
Power, Analog
PLL Power, 1.8V ±5%.
DAP must be grounded. DAP is the large metal contact at the bottom side, located at
VSS
DAP
Ground, DAP
the center of the WQFN package. Connected to the ground plane (GND) with at least
16 vias.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90UB913A-Q1 DS90UB914A-Q1


Similar Part No. - DS90UB914ATRHSJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB914ATRHSJQ1 TI1-DS90UB914ATRHSJQ1 Datasheet
1Mb / 61P
[Old version datasheet]   25-MHz to 100-MHz 10/12-Bit FPD-Link III Deserializer
More results

Similar Description - DS90UB914ATRHSJQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
[Old version datasheet]   TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TLV9062-Q1 TI1-TLV9062-Q1_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9061-Q1 TI-TLV9061-Q1_V03 Datasheet
2Mb / 48P
[Old version datasheet]   TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
REVISED APRIL 2023
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
logo
Texas Instruments
TLV9061-Q1 TI-TLV9061-Q1 Datasheet
3Mb / 44P
[Old version datasheet]   TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9061-Q1 TI-TLV9061-Q1_V02 Datasheet
2Mb / 46P
[Old version datasheet]   TLV906xS-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
REVISED JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com