Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7611UG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC7611UG4
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7611UG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7611UG4 Datasheet HTML 3Page - Texas Instruments DAC7611UG4 Datasheet HTML 4Page - Texas Instruments DAC7611UG4 Datasheet HTML 5Page - Texas Instruments DAC7611UG4 Datasheet HTML 6Page - Texas Instruments DAC7611UG4 Datasheet HTML 7Page - Texas Instruments DAC7611UG4 Datasheet HTML 8Page - Texas Instruments DAC7611UG4 Datasheet HTML 9Page - Texas Instruments DAC7611UG4 Datasheet HTML 10Page - Texas Instruments DAC7611UG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
®
7
DAC7611
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
SUPPLY CURRENT vs TEMPERATURE
Temperature (°C)
–50
–25
0
25
50
75
100
125
V
LOGIC = 2.4V
Data = FFF
H
No Load
V
DD = 4.75V
V
DD = 5.0V
V
DD = 5.25V
RISE TIME DETAIL
Time (10µs/div)
LD
V
OUT
LARGE-SIGNAL SETTLING TIME
Time (20µs/div)
C
L = 110pF
R
L = No Load
LD
V
OUT
80
60
40
20
0
–20
–40
–60
–80
SHORT-CIRCUIT CURRENT vs OUTPUT VOLTAGE
Output Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Positive
Current
Limit
Data = 800
H
Output tied to I
SOURCE
Negative
Current
Limit
MIDSCALE GLITCH PERFORMANCE
Time (500ns/div)
LD
V
OUT
7FF
H to 800H
MIDSCALE GLITCH PERFORMANCE
Time (500ns/div)
LD
V
OUT
800
H to 7FFH


Similar Part No. - DAC7611UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611U BURR-BROWN-DAC7611U Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UB BURR-BROWN-DAC7611UB Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7611UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com